Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250GVIO Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8250GVIO_16 Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 11Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
8
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Functional Description
Figure 4
Operation Modes
The TLE8250GVIO has 2 major operation modes:
•Stand-By mode
•Normal Operation mode
4.3
Normal Operation Mode
In Normal Operation mode the HS CAN transceiver TLE8250GVIO sends the serial data stream on the TxD pin
to the CAN bus while at the same time the data available on the CAN bus are monitored to the RxD pin. In
Normal Operation mode all functions of the TLE8250GVIO are active:
• The output driver stage is active and drives data from the TxD to the CAN bus.
• The receiver unit is active and provides the data from the CAN bus to the RxD pin.
• The bus basing is set to VCC/2.
• The under-voltage monitoring on the power supply VCC and on the power supply VIO is active.
Table 2
Operating modes
Mode
NEN
Bus Bias
Comments
Normal Operation “Low”
VCC/2
Output driver stage is active.
Receiver unit is active.
Stand-By
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.
VCC off
“Low”
or
“High”
Floating
Output driver stage is disabled.
Receiver unit is disabled.
Undervoltage
Detection on VCC
and VIO
Power Down
VCC < VCC(UV)
Start – Up
Supply VCC
and VIO
VIO < VIO(UV)
NEN = 0
Normal Operation
Mode
NEN = 1
Stand-By Mode
NEN = 0
NEN = 1


Similar Part No. - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250GVIO INFINEON-TLE8250GVIO_15 Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
More results

Similar Description - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com