Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8250GVIO Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8250GVIO_16 Datasheet HTML 1Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 2Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 3Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
5
Rev. 1.11
2016-12-29
TLE8250GVIO
High Speed CAN-Transceiver
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Table 1
Pin Definition and Functions
Pin
Symbol
Function
1TxD
Transmit Data Input;
internal pull-up to VIO, “Low” for “Dominant” state.
2GND
Ground
3
VCC
Transceiver Supply Voltage;
100 nF decoupling capacitor to GND required.
4RxD
Receive Data Output;
“Low” in “Dominant” state.
5
VIO
Digital Supply Voltage Input;
Supply voltage input to adapt the logical input and output voltage levels of the
transceiver to the microcontroller supply.
100 nF decoupling capacitor to GND required.
6CANL
CAN Bus Low level I/O;
“Low “ in “Dominant” state.
7CANH
CAN Bus High level I/O;
“High” Sin “Dominant” state.
8NEN
Not ENable Input1);
internal pull-up to VIO, “Low” for Normal Operation mode.
1) The naming of pin 8 is different between the TLE8250GVIO and its forerunner model the TLE6250GV33. The function
of pin 8 remains the same.
TxD
1
2
3
45
6
7
8
RxD
NEN
GND
VCC
CANH
CANL
VIO


Similar Part No. - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8250GVIO INFINEON-TLE8250GVIO_15 Datasheet
1Mb / 28P
   High Speed CAN-Transceiver
Rev. 1.1, 2014-10-08
More results

Similar Description - TLE8250GVIO_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com