Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8865-Q-00A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV8865-Q-00A
Description  6A High Efficient Synchronous Step-Down Converter with I2C Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8865-Q-00A Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV8865-Q-00A Datasheet HTML 1Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 2Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 3Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 4Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 5Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 6Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV8865-Q-00A
6A High Efficient Synchronous
Step-Down Converter with I²C Interface
EV8865-Q-00A Rev.1.0
www.MonolithicPower.com
1
3/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8865-Q-00A is used for demonstrating
the performance of MPS’s MP8865. MP8865 is
a
highly
integrated
and
high
frequency
synchronous step-down switcher with I2C
control interface. It is optimized to support up to
6A load current over an input supply range from
4.5V to 21V with excellent load and line
regulation.
Current-Mode operation provides fast transient
response and eases loop stabilization. The
output voltage level can be controlled, on-the fly
through a 3.4Mbps I2C serial interface. Voltage
range can be adjusted from 0.6V to 1.87V in
10mV steps. Voltage slew rate, switching
frequency and power savings mode are also
selectable through the I2C interface. Fully
protection
features
includes
over
current
protection, over voltage protection and over
temperature protection.
MP8865 is available in QFN15 (3mmx3mm)
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5– 21
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
6
A
FEATURES
• Wide 4.5V-to-21V Operation Input Range
• 45mΩ/18mΩ Low RDS(ON) Internal Power
MOSFETs
• 1% VOUT Accuracy
• I2C Programmable Output Range from 0.6V
to 1.87V in 10mV Steps with Slew Rate
Control
• I2C Selectable Switching Frequency. Default
600kHz Switching Frequency.
• Programmable Default Output Voltage
• Power Saving Mode, OTP and OCP Via I2C
• Power Good Indication
• 1 bit I2C Address Set pin
• OCP Protection and Hiccup
• External Soft Start
• Available in QFN3x3 Package
APPLICATIONS
• Flat-Panel Television and Monitors
• Digital Set-Top Boxes
• Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
EV8865-Q-00A EVALUATION BOARD
Board Number
MPS IC Number
EV8865-Q-00A
MP8865GQ
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00


Similar Part No. - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
   High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
   High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
   High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
   6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
   5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com