Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8865-Q-00A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EV8865-Q-00A
Description  6A High Efficient Synchronous Step-Down Converter with I2C Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8865-Q-00A Datasheet(HTML) 7 Page - Monolithic Power Systems

  EV8865-Q-00A Datasheet HTML 1Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 2Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 3Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 4Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 5Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 6Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV8865-Q-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV8865-Q-00A Rev.1.0
www.MonolithicPower.com
7
3/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output between 4.5V and 21V, and then turn off the power supply.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on. The board will automatically start up.
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.4V to turn
on the regulator, or less than 1.25V to turn it off.


Similar Part No. - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com