Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8865-Q-00A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # EV8865-Q-00A
Description  6A High Efficient Synchronous Step-Down Converter with I2C Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8865-Q-00A Datasheet(HTML) 6 Page - Monolithic Power Systems

  EV8865-Q-00A Datasheet HTML 1Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 2Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 3Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 4Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 5Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 6Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EV8865-Q-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8865-Q-00A Rev.1.0
www.MonolithicPower.com
6
3/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYER
Figure 1: Top Silk Layer
Figure 2: Top Layer
Figure 3: Inner 1 Layer
Figure 4: Inner 2 Layer
Figure 5: Bottom Layer


Similar Part No. - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
   High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
   High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
   High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
   High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
   6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
   6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
   5A High Efficient Synchronous Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
   5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
   5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com