Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8865-Q-00A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # EV8865-Q-00A
Description  6A High Efficient Synchronous Step-Down Converter with I2C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8865-Q-00A Datasheet(HTML) 3 Page - Monolithic Power Systems

  EV8865-Q-00A Datasheet HTML 1Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 2Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 3Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 4Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 5Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 6Page - Monolithic Power Systems EV8865-Q-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV8865-Q-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8865-Q-00A Rev.1.0
www.MonolithicPower.com
3
3/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN = 12V, VOUT = 1.2V, L = 1µH, TA = 25°C, unless otherwise noted.
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
0
10
20
30
40
50
60
01
23
45
67
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
01
2
3
4
5
6
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
5 6 7 8 9 10 11 1213141516


Similar Part No. - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8867-LE-00A MPS-EV8867-LE-00A Datasheet
444Kb / 6P
High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - EV8865-Q-00A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8847-D-00A MPS-EV8847-D-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com