Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8847-D-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV8847-D-00A
Description  6A High Efficient Synchronous Step-Down Switcher with I짼C Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV8847-D-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV8847-D-00A Datasheet HTML 1Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 2Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 3Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 4Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 5Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 6Page - Monolithic Power Systems EV8847-D-00A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV8847-D-00A – 6A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
EV8847-D-00A Rev.1.0
www.MonolithicPower.com
2
7/5/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV8847-D-00A BILL OF MATERIALS
Qty RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
4
C1, C2,
C3, C4
22μF
Ceramic Cap, 6.3V, X5R
SM0805
muRata
GRM21BR60J226ME39L
2
C8,C9
22μF
Ceramic Cap,10V, X5R
SM0603
muRata
GRM21BD71A226ME44L
3
C5, C6,
C7
NS
1
R1
100k
Film Res.,5%
SM0603
Any
2
R2, R3
10k
Film Res.,5%
SM0603
Any
1
L1
0.47μH
Inductor IR=6.8A,Isat=14.5A
SM
4.0X4.0mm
Wurth
744 373 240 047
1
U1
MP8847
Step Down Switcher With I2C
QFN-
2mmx3mm
MPS
MP8847DG


Similar Part No. - EV8847-D-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8843-G-00A MPS-EV8843-G-00A Datasheet
274Kb / 7P
6V, 3A, Synchronous, Step-Down Switcher With I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
More results

Similar Description - EV8847-D-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8845 MPS-MP8845 Datasheet
1Mb / 23P
5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
MP8845C MPS-MP8845C Datasheet
483Kb / 20P
5A High Efficient Synchronous Step-Down Switchers with I2C Interface
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
EV8845-C-02A MPS-EV8845-C-02A Datasheet
392Kb / 6P
5A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8846-Q-00A MPS-EV8846-Q-00A Datasheet
1Mb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
EV8848-D-00A MPS-EV8848-D-00A Datasheet
803Kb / 7P
6A High Efficient Synchronous Step-Down Switcher with I2C Interface
EV8865-Q-00A MPS-EV8865-Q-00A Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com