Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-2 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC6752-2
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6752-2 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC6752-2 Datasheet HTML 20Page - Linear Technology LTC6752-2 Datasheet HTML 21Page - Linear Technology LTC6752-2 Datasheet HTML 22Page - Linear Technology LTC6752-2 Datasheet HTML 23Page - Linear Technology LTC6752-2 Datasheet HTML 24Page - Linear Technology LTC6752-2 Datasheet HTML 25Page - Linear Technology LTC6752-2 Datasheet HTML 26Page - Linear Technology LTC6752-2 Datasheet HTML 27Page - Linear Technology LTC6752-2 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
24
6752fc
For more information www.linear.com/LTC6752
Typical applicaTions
Common Mode Rejecting Line Receiver
Differential electrical signals being transmitted over long
cables are often attenuated. Electrical noise on the cables
can take the form of common mode signals.
The LTC6752 comparators can be used to retrieve attenu-
ated differential signals that have been corrupted by high
frequency common mode noise, as shown in Figure 14.
Figure 15 shows an LTC6752-2 retrieving a 200MHz,
200mVP-Pdifferentialinputsignalthathas2.5Vofrandom,
commonmodenoisesuperimposedonit. Theinputsupply
(VCC) used was 5V and the output supply used was 2.7V.
A small amount of modulation is seen at the output due
to a small amount of differential modulation at the inputs,
whichcausescycletocyclevariationsinpropagationdelay.
Fast Event Capture
The circuit shown in Figure 16 can be used to capture
small and fast events. The comparator output is used to
signal the latch pin and hold the output in the HIGH state.
The circuit will reset when the RESET line is low. An open
drain 1.5ns NAND gate is used to both invert the output
signal and is used to MUX in the RESET line from the
supervising circuit. One important feature of the NAND is
that it is open drain which allows the comparator to use
either its default 5mV of hysteresis or a user programmed
hysteresis.Thelatchrecoverytimeofthiscircuitisroughly
210nsandisdominatedbythetimeconstantcreatedbythe
capacitance seen at the output of the NAND gate and the
20k series resistance of the LE/HYST pin. The waveforms
are shown in Figure 17.
Figure 14
Figure 15
+
VCC = 5V
VDD = 2.7V
Q
6752 F14
SMALL DIFFERENTIAL SIGNAL WITH
LARGE COMMON MODE COMPONENT
VEE
+IN
–IN
LTC6752-2
500mV/DIV
–IN +IN
Q
50ns/DIV
6752 F15
Figure 16
Figure 17
500mV/DIV
50ns/DIV
6752 F17
RESET
INPUT
REF
OUT
3.3V
6752 F16
+
VCC
LTC6752-2
VDD
VEE
LE/HYST
SHDN
Q
2.2F
0.1F
0.1F
200
182k
EVENT IN
50mV, 10ns
INPUT
RESET
3.3V
REF
NXP 74LVC1G38
OUT


Similar Part No. - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6752-2 AD-LTC6752-2 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Linear Technology
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Linear Technology
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com