Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-2 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC6752-2
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6752-2 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC6752-2 Datasheet HTML 13Page - Linear Technology LTC6752-2 Datasheet HTML 14Page - Linear Technology LTC6752-2 Datasheet HTML 15Page - Linear Technology LTC6752-2 Datasheet HTML 16Page - Linear Technology LTC6752-2 Datasheet HTML 17Page - Linear Technology LTC6752-2 Datasheet HTML 18Page - Linear Technology LTC6752-2 Datasheet HTML 19Page - Linear Technology LTC6752-2 Datasheet HTML 20Page - Linear Technology LTC6752-2 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
17
6752fc
For more information www.linear.com/LTC6752
applicaTions inForMaTion
Circuit Description
The block diagram is shown in Figure 1. There are dif-
ferential inputs (+IN, –IN), a negative power supply (VEE),
two positive supply pins: VCC for the input stage and VDD
for the output stage, an output pin (Q), a pin for latching
and adjusting hysteresis (LE/HYST), and a pin to put the
device in a low power mode (SHDN). In the LTC6752
and LTC6752-1, the two positive supply pins are bonded
together and referred to as VCC. The signal path consists
of a rail-to-rail input stage, an intermediate gain stage,
and an output stage driving a pair of complementary FETs
capable of taking the output pin to either supply rail. A
Latching/Hysteresisinterfaceblockallowstheusertolatch
the output state and/or remove or adjust the comparator
input hysteresis. All of the internal signal paths make use
of low voltage swings for high speed at low power.
The LTC6752-3 has an additional inverted output stage
(not shown) for a complementary logic output signal.
Power Supply Configurations
The LTC6752-2/LTC6752-3/LTC6752-4 have separate
positive supply pins for the input and output stages that
allow for separate voltage ranges for the analog input,
and the output logic. Figure 2 shows a few possible con-
figurations. For reliable and proper operation, the input
supply pin should be between 2.45V and 5.25V above the
negative supply pin, and the output supply pin should be
between 1.71V and 3.5V above the negative supply pin.
There are no restrictions regarding the sequence in which
thesuppliesareapplied,aslongastheabsolute-maximum
ratings are not violated.
The LTC6752 and LTC6752-1 have only one positive sup-
ply pin. The supply voltage should be between 2.45V and
3.5V for proper and reliable operation.
Input Voltage Range and Offset
The LTC6752 family uses a rail-to-rail input stage that
consists of a pnp pair and an npn pair that are active over
different input common mode ranges. The pnp pair is ac-
tive for inputs between VEE – 0.2V and approximately VCC
– 1.5V (low common mode region of operation). The npn
pair is active for inputs between approximately VCC – 1V
and VCC + 0.1V (high common mode region of operation).
Partial activation of both pairs occurs when one input is in
the low common mode region of operation and the other
input is in the high common mode region of operation, or
either of the inputs is between approximately VCC – 1.5V
and VCC – 1V (transition region). The device has small,
trimmed offsets as long as both inputs are completely
in the low or high common mode region of operation.
In the transition region, the offset voltage may increase.
Applications that require good DC precision should avoid
the transition region.
Input Bias Current
When both inputs are in the low common mode region,
the input bias current is negative, with current flowing
out of the input pins. When both inputs are in the high
common mode region, the input bias current is positive,
with current flowing into the input pins.
The input stage has been designed to accommodate
large differential input voltages without large increases
in input bias current. With one input at the positive input
supply rail and the other input at the negative supply rail,
the magnitude of the input bias currents at either pin is
typically less than 3.5μA.
Figure 2. Typical Power Supply Configurations (Applicable to the LTC6752-2/LTC6752-3/LTC6752-4)
+
VCC
VDD
3V
3V
6752 F02
Q
VEE
0V
(a) SINGLE SUPPLY
–IN
+IN
+
VCC
VDD
1.8V
5V
Q
VEE
0V
(b) OUTPUT SUPPLY < INPUT SUPPLY
–IN
+IN
+
VCC
VDD
3.5V
2.5V
Q
VEE
0V
(c) OUTPUT SUPPLY > INPUT SUPPLY
–IN
+IN
+
VCC
VDD
0V
2.5V
Q
VEE
–2.5V
(d) NEGATIVE OUTPUT LOGIC
–IN
+IN


Similar Part No. - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6752-2 AD-LTC6752-2 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Linear Technology
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com