Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-2 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6752-2
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6752-2 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6752-2 Datasheet HTML 11Page - Linear Technology LTC6752-2 Datasheet HTML 12Page - Linear Technology LTC6752-2 Datasheet HTML 13Page - Linear Technology LTC6752-2 Datasheet HTML 14Page - Linear Technology LTC6752-2 Datasheet HTML 15Page - Linear Technology LTC6752-2 Datasheet HTML 16Page - Linear Technology LTC6752-2 Datasheet HTML 17Page - Linear Technology LTC6752-2 Datasheet HTML 18Page - Linear Technology LTC6752-2 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
15
6752fc
For more information www.linear.com/LTC6752
pin FuncTions
+IN: Positive Input of the Comparator. The voltage range
of this pin can go from VEE to VCC.
–IN: Negative Input of the Comparator. The voltage range
of this pin can go from VEE to VCC.
VCC:PositiveSupplyVoltagefortheLTC6752/LTC6752-1,
Positive Supply Voltage for the Input Stage of the
LTC6752-2/LTC6752-3/LTC6752-4.
VDD: Positive Supply Voltage for the Output Stage of the
LTC6752-2/LTC6752-3/LTC6752-4. Typically the voltage
is from 1.71V to 3.5V. See the section High Speed Board
Design Techniques for proper power supply layout and
bypassing.
VEE: Negative power supply, normally tied to ground. This
can be tied to a voltage other than ground as long as the
constraints for total supply voltage relative to VCC (and
VDD for separate supply operation) are maintained.
SHDN: Active low comparator shutdown, threshold is
0.6V above VEE. The comparator is enabled when this pin
is left unconnected.
LE/HYST: This pin allows the user to adjust the compara-
tor’s hysteresis as well as latch the output state if the pin
voltage is taken within 300mV above VEE. Hysteresis can
be increased or disabled by voltage, current or a resistor
to VEE. Leaving the pin unconnected results in a typical
hysteresis of 5mV.
Q: Comparator Output. Q is driven high when +IN > –IN
and driven low when +IN < –IN.
Q: Comparator Complementary Output (Available on
LTC6752-3 Only). Logical inversion of Q.


Similar Part No. - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6752-2 AD-LTC6752-2 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Linear Technology
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com