Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6752-2 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6752-2
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6752-2 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6752-2 Datasheet HTML 10Page - Linear Technology LTC6752-2 Datasheet HTML 11Page - Linear Technology LTC6752-2 Datasheet HTML 12Page - Linear Technology LTC6752-2 Datasheet HTML 13Page - Linear Technology LTC6752-2 Datasheet HTML 14Page - Linear Technology LTC6752-2 Datasheet HTML 15Page - Linear Technology LTC6752-2 Datasheet HTML 16Page - Linear Technology LTC6752-2 Datasheet HTML 17Page - Linear Technology LTC6752-2 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
14
6752fc
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics ac
Output Toggle Waveform,
LTC6752-2
Output Toggle Waveforms Q and
Q, LTC6752-3
Toggle Rate vs Capacitive Load,
LTC6752-3
Toggle Rate vs Temperature, (LTC6752/
LTC6752-1/LTC6752-2/LTC6752-4)
Toggle Rate vs Temperature,
LTC6752-3
Output Jitter vs Input Amplitude
Toggle Rate vs Capacitive Load,
(LTC6752/LTC6752-1/LTC6752-2/
LTC6752-4)
VCC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV, TA = 25°C, transient input voltage 10MHz, 150mVP-P square wave unless otherwise noted.
VCC ≠ VDD conditions applicable only to the LTC6752-2/ LTC6752-3/LTC6752-4.
350
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G34
125
5
85
–35
45
150
170
190
210
230
250
270
290
310
330
RL = 1k
VIN = 100mVP-P
SINUSOID
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
VCC = 3.3V, VDD = 3.3V
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G35
125
5
85
–35
45
150
170
190
210
230
250
270
290
RL = 1k
VIN = 100mVP-P
SINUSOID
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
VCC = 3.3V, VDD = 3.3V
500
450
LOAD CAPACITANCE (pF)
0
20
10
6752 G36
15
5
400
300
200
100
350
250
150
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
RL = 1k
VIN = 100mVP-P
SINUSOID
VCC = 3.3V, VDD = 3.3V
380
330
LOAD CAPACITANCE (pF)
0
20
10
6752 G37
15
5
280
180
80
230
130
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
RL = 1k
VIN = 100mVP-P
SINUSOID
VCC = 3.3V, VDD = 3.3V
INPUT AMPLITUDE (mVP-P)
0
16
14
12
6
2
8
4
10
0
300
600
6752 G38
700
200
500
100
400
VCC = 5V, VDD = 1.8V
100MHz SINOSOIDAL INPUT
JITTER BANDWIDTH: 10Hz TO 50MHz
VCC = 2.5V, VDD = 2.5V
VCC = 3.3V, VDD = 3.3V
2ns/DIV
6752 G39
500mV/DIV
LTC6752-2
VCC = VDD = 2.5V
CL = 5pF
200MHz
2ns/DIV
6752 G40
500mV/DIV
LTC6752-3
VCC = VDD = 2.5V
CL = 5pF
200MHz


Similar Part No. - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6752-2 AD-LTC6752-2 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Linear Technology
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6752-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6752-1 LINER-LTC6752-1_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-3 LINER-LTC6752-3_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-4 LINER-LTC6752-4_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752 LINER-LTC6752_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6752-2 LINER-LTC6752-2_15 Datasheet
547Kb / 30P
280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
Comparator Family with Rail-to-Rail Inputs
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com