Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT7050BB Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NT7050BB
Description  High Precision Temperature Compensated Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NT7050BB Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NT7050BB_18 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1803B_NT7050BBBC_e
NT7050BB / NT7050BC
High Precision Temperature Compensated Crystal Oscillator (TCXO)
for STRATUM3
● Stratum3
● SONET/SDH
● Basestation
Main Application
Features
Item
Model
NT7050BB / NT7050BC
Nominal Frequency (MHz)
10 to 26
10 to 40
10 to 25
Supply Voltage [VCC] (V)
+3.3 ± 2%
+3.3 ± 5%
+3.3 ± 5%
Current Consumption (mA)
Max. 6
Output Specification
CMOS or Clipped sine
Symmetry Min. to Max. (%)
40 to 60
Output Load Condition
15pF or 10kΩ // 10 pF
Operating Temperature Range (°C)
–10 to +70
–40 to +85
–40 to +105
Storage Temperature Range (°C)
–55 to +125
Frequency/Temperature Characteristics
Max. ±0.07×10–6
Max. ±0.28×10–6
Max. ±0.5×10–6
Overall Frequency Tolerance *1
Max. ±4.6×10–6
Absolute Pull Range(APR) / Control Voltage [Vcont]
Max. ±5×10–6/+1.65V±1.65V
Enable / Disable Function *2
Enable : Min. 70%VCC or OPEN
Disable : Max. 30%VCC
*1 : Overall Frequency Tolerance includes Frequency/Temperature Characteristics, Initial Frequency tolerance, Frequency/Voltage Coefficient, Frequency/Load
Coefficient and Long-term Frequency Stability (15years).
*2 : NT7050BC
Specifications
Dimensions
Specification Number
mm
7.0
6×0.6
4×0.9
1.27 1.27
2.54
0.9
1.45
4.9
#1
#2 #3
#8
#7
#6
#4
#5
#10
#9
#1
#2
#3
#4
#5
GND
OUTPUT
Do not connect
NC
NC
#6
#7
#8
#9
#10
VCC
Vcont
Do not connect
Enable/Disable
NC
Terminal land connections
#1, #6: Please do not connect with these terminals.
#9: Please connect a 0.01 F bypass capacitor near the Vcc terminal.
● Maximum Operating Temp. +105°C .
(Freq. / Temp. Characteristics Max. ±0.5×10–6)
● Freq. / Temp. Characteristics Max. ±0.07×10–6 . (Operating Temp. Range-10 to +70°C)
● Low current consumption : Max. 6mA
● Output specification can be selected CMOS or Clipped Sine.
● Small size SMD package : (7.0×5.0×2.0mm)
● With Enable / Disable function. (Model Name : NT7050BC)
Land pattern (Typical)
mm
7.0
3.68
5.08
5.08
1.4
1.4
1.5
1.5
#1
#2
#4
#3
#4: Please connect a 0.01F bypass capacitor near the Vcc terminal.
#1
Vcont
#2
GND
#3
OUTPUT
#4
VCC
Terminal land connections
NT7050BB
NT7050BC
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.
Operating Temperature
Range
Model
Output Specification
-10 to +70℃ -40 to +85℃ -40 to +105℃
NT7050BB
CMOS
NSA3633B NSA3633D NSA3633F
Clipped Sine
NSA3633A NSA3633C NSA3633E
Operating Temperature
Range
Model
Output Specification
-10 to +70℃ -40 to +85℃ -40 to +105℃
NT7050BC
CMOS
NSA3634B NSA3634D NSA3634F
Clipped Sine
NSA3634A NSA3634C NSA3634E
Model Name : NT7050BB
Model Name : NT7050BC


Similar Part No. - NT7050BB_18

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
Temperature Compensated Crystal Oscillator (TCXO)
More results

Similar Description - NT7050BB_18

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-402 VECTRON-TX-402 Datasheet
143Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX-502 VECTRON-TX-502_12 Datasheet
206Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
TX-402 VECTRON-TX-402_15 Datasheet
618Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
TX-502 VECTRON-TX-502_15 Datasheet
632Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA Datasheet
703Kb / 1P
High Precision Temperature Compensated Crystal Oscillator (TCXO)
logo
Microsemi Corporation
TX-402 MICROSEMI-TX-402 Datasheet
684Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
TX-502 MICROSEMI-TX-502 Datasheet
687Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NT7050BC NDK-NT7050BC_18 Datasheet
724Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
NT5032BA NDK-NT5032BA_18 Datasheet
710Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com