Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24895GJ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP24895GJ
Description  Step-Down White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24895GJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP24895GJ Datasheet HTML 1Page - Monolithic Power Systems MP24895GJ Datasheet HTML 2Page - Monolithic Power Systems MP24895GJ Datasheet HTML 3Page - Monolithic Power Systems MP24895GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV24895-J-00A
Step-Down White LED Driver
Evaluation Board
EV24895-J-00A Rev.1.0
www.MonolithicPower.com
1
8/7/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV24895-J-00A is an evaluation board for
the
MP24895GJ,
a
step-down
converter
designed in hysteretic current control mode for
driving the high brightness LEDs from wide
input voltage of 9V to 30V.
The MP24895 employs hysteretic control
architecture to regulate LED current. Moreover,
this control scheme provides optimal circuit
stabilization and a very quick response time
without loop compensation. The highly accurate
LED current is measured through an external
high-side current-sense resistor. Its low 100mV
average feedback voltage reduces power loss
and improves the efficiency.
The MP24895 implements PWM and analog
dimming together on the EN/DIM pin. The
MP24895 includes under-voltage lockout, and
thermal overload protection to prevent damage
in the event of an output overload.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
9 to 30
V
Output Voltage
VOUT
<VIN-3
V
LED Current
ILED
750
mA
FEATURES
• Internal 36V MOSFET
• Wide 9V to 30V Input Range
• 750mA Output LED Current
• High Efficiency
• Hysteretic Control
• PWM and Analog Dimming
• 1000:1 PWM Dimming Resolution
• UVLO
• Thermal Shutdown
APPLICATIONS
• Low-Voltage Halogen Replacement
• Low-Voltage General Illumination
• Automotive/Decorative LED Lighting
• Signs/Emergency Lighting
• LED Backlighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV24895-J-00A EVALUATION BOARD
(L x W x H) 20mm x 14mm x 11mm
Board Number
MPS IC Number
EV24895-J-00A
MP24895GJ


Similar Part No. - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24895GJ MPS-MP24895GJ Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
More results

Similar Description - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
   Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
   Step-Down White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
   Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
   Dual-Channel White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com