Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24895GJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24895GJ
Description  Step-Down White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24895GJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24895GJ Datasheet HTML 1Page - Monolithic Power Systems MP24895GJ Datasheet HTML 2Page - Monolithic Power Systems MP24895GJ Datasheet HTML 3Page - Monolithic Power Systems MP24895GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV24895-J-00A---STEP-DOWN WHITE LED DRIVER EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV24895-J-00A Rev.1.0
www.MonolithicPower.com
4
8/7/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the LED+ and LED- pins on the EV
board, respectively.
2. Connect the positive and negative terminals of the 24V AC power supply to the AC1 and AC2. If
apply a DC power supply, please connect + and – to AC1 and AC2. Turn the power supply on.
3. If PWM dimming is required, provide a 200Hz to 2kHz PWM signal to EN/DIM pin. Remove R5 and
put a 1kΩ resistor on R4.
4. If analog dimming is required, please open R4 and short R5, then provide a 0.3V to 2.5V DC
voltage to the EN/DIM pin.
5. The LED current is adjustable by set current sense resistor R1//R2 as below formula,
R1//R2=100mV/ILED


Similar Part No. - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24895GJ MPS-MP24895GJ Datasheet
305Kb / 13P
Step-down White-LED Driver Wide 6-36V Input Voltage
More results

Similar Description - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
Step-Down White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
Step-Down White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
Step-Down White LED Driver Evaluation Board
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
Precision 6 White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com