Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24895GJ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24895GJ
Description  Step-Down White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24895GJ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24895GJ Datasheet HTML 1Page - Monolithic Power Systems MP24895GJ Datasheet HTML 2Page - Monolithic Power Systems MP24895GJ Datasheet HTML 3Page - Monolithic Power Systems MP24895GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EV24895-J-00A---STEP-DOWN WHITE LED DRIVER EVALUATION BOARD
EV24895-J-00A Rev.1.0
www.MonolithicPower.com
3
8/7/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Layer
Figure 2—Bottom Layer


Similar Part No. - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24895GJ MPS-MP24895GJ Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
More results

Similar Description - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
   Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
   Step-Down White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
   Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
   Dual-Channel White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com