Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24895GJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP24895GJ
Description  Step-Down White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24895GJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP24895GJ Datasheet HTML 1Page - Monolithic Power Systems MP24895GJ Datasheet HTML 2Page - Monolithic Power Systems MP24895GJ Datasheet HTML 3Page - Monolithic Power Systems MP24895GJ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV24895-J-00A---STEP-DOWN WHITE LED DRIVER EVALUATION BOARD
EV24895-J-00A Rev.1.0
www.MonolithicPower.com
2
8/7/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PGND
PGND
AGND
PGND
2
1
0.4
R1
2
1
NC
R4
220uF/35V
C2
1
NC
Q1
2
1
0.2
R2
1
EN/DIM
NC
R3
1nF
C3
2
1
0
R5
1
LED-
1
LED+
1
AC2
1
AC1
1
2
B260A
D1
2.2uF/50V
C1
47uH/1.45A
L1
NC
C4
SW
1
EN/DIM
3
MP24895
U1
NC
C5
AGND
NC
R6
D2
D3
D4
D5
EV24895-J-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
2.2µF/50V
Ceramic Capacitor,
50V, X7R
1206
muRata
GRM31CR71H225KA88L
1
C2
220µF/35V
Electrolytic Capacitor,
35V
DIP
Sanyo
220µF/35V
1
C3
1nF/25V
Ceramic Capacitor,
25V, C0G
0603
muRata
GRM1885C1E102JA01D
2
C4, C5
NC
5
D1 to D5
B260A
Schottky Diode
SMA
Diodes
B260A
1
L1
47µH
Inductor, 1.2A
SMD
TDK
SLF7055T-470M1R2-3PF
1
R1
0.4Ω
Film Resistor, 1%
0805
Royalohm
0805F400LT5E
1
R2
0.2Ω
Film Resistor, 1%
0805
Yageo
RL0805FR-070R2L
3
R3, R4,
R6
NC
1
R5
0Ω
Film Resistor, 5%
0603
Yageo
RC0603JR-070RL
1
Q1
NC
1
U1
MP24895
MPS WLED Driver
TSOT23-5
MPS
MP24895GJ-Z


Similar Part No. - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24895GJ MPS-MP24895GJ Datasheet
305Kb / 13P
   Step-down White-LED Driver Wide 6-36V Input Voltage
More results

Similar Description - MP24895GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
   Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
   Step-Down White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV2370DJ-00A MPS-EV2370DJ-00A Datasheet
147Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
   Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
   Dual-Channel White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com