Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK22FN128VMP10 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MK22FN128VMP10
Description  Kinetis K22F 128KB Flash
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MK22FN128VMP10 Datasheet(HTML) 1 Page - NXP Semiconductors

  MK22FN128VMP10 Datasheet HTML 1Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 2Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 3Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 4Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 5Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 6Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 7Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 8Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Kinetis K22F 128KB Flash
100 MHz ARM® Cortex®-M4 Based Microcontroller with FPU
The Kinetis K22 product family members are optimized for cost-
sensitive applications requiring low-power, USB connectivity,
high peripheral integration and processing efficiency with a
floating-point unit. These devices share the comprehensive
enablement and scalability of the Kinetis family.
This product offers:
• Run power consumption down to 120 μA/MHz. Static
power consumption down to 2.6 μA with full state retention
and 6 μs wakeup. Lowest static mode down to 120 nA.
• USB LS/FS OTG 2.0 with embedded 3.3 V, USB FS device
crystal-less functionality.
Performance
• 100 MHz ARM Cortex-M4 core with DSP instructions
delivering 1.25 Dhrystone MIPS per MHz
Memories and memory interfaces
• 128 KB of embedded flash and 24 KB of RAM
• Serial programming interface(EzPort)
• Pre-programmed Kinetis flashloader for one-time, in-
system factory programming
System peripherals
• Flexible low-power modes, multiple wakeup sources
• 4-channel DMA controller
• Independent External and Software Watchdog monitor
Clocks
• Two crystal oscillators: 32 kHz (RTC) and 32-40 kHz or
3-32 MHz
• Three internal oscillators: 32 kHz, 4 MHz, and 48 MHz
• Multi-purpose clock generator with FLL
Security and integrity modules
• Hardware CRC module
• 128-bit unique identification (ID) number per chip
• Flash access control to protect proprietary software
Human-machine interface
• Up to 67 general-purpose I/O (GPIO)
Analog modules
• Two 16-bit SAR ADCs (1.2 MS/s in 12bit mode)
• One 12-bit DAC
• Two analog comparators (CMP) with 6-bit DAC
• Accurate internal voltage reference
Communication interfaces
• USB LS/FS OTG 2.0 with on-chip transceiver
• USB full-speed device crystal-less operation
• Two SPI modules
• Three UART modules and one low-power UART
• Two I2C: Support for up to 1 Mbps operation
• I2S module
Timers
• One 8-channel general-purpose/PWM timer
• Two 2-channel general-purpose timers with
quadrature decoder functionality
• Periodic interrupt timers
• 16-bit low-power timer
• Real-time clock with independent power domain
• Programmable delay block
Operating Characteristics
• Voltage range (including flash writes): 1.71 to 3.6 V
• Temperature range (ambient): -40 to 105°C
MK22FN128VDC10
MK22FN128VLL10
MK22FN128VMP10
MK22FN128VLH10
121 XFBGA (DC)
8 x 8 x 0.5 Pitch 0.65
mm
100 LQFP (LL)
14 x 14 x 1.4 Pitch 0.5
mm
64 MAPBGA (MP)
5 x 5 x 1.2 Pitch 0.5
mm
64 LQFP (LH)
10 x 10 x 1.4 Pitch 0.5
mm
NXP Semiconductors
K22P121M100SF9
Data Sheet: Technical Data
Rev. 7, 08/2016
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK22FN128CAH12R NXP-MK22FN128CAH12R Datasheet
902Kb / 69P
   Kinetis K22F 128 KB/256 KB Flash 64-pin WLCSP
Rev. 7, 08/2016
MK22FN128CAK10 NXP-MK22FN128CAK10 Datasheet
1Mb / 64P
   Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
More results

Similar Description - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K22P49M100SF9 NXP-K22P49M100SF9 Datasheet
1Mb / 64P
   Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
K22P121M120SF7 NXP-K22P121M120SF7 Datasheet
976Kb / 82P
   Kinetis K22F 512KB Flash
Rev. 7.1, 08/2016
KV31P100M100SF9 NXP-KV31P100M100SF9 Datasheet
793Kb / 63P
   Kinetis KV31F 128KB Flash
Rev. 7, 02/2016
K22P121M120SF8 NXP-K22P121M120SF8 Datasheet
959Kb / 76P
   Kinetis K22F 256 KB Flash
Rev. 7, 08/2016
K22P80M120SF7 NXP-K22P80M120SF7 Datasheet
905Kb / 72P
   Kinetis K22F 512KB Flash 80-Pin WLCSP
Rev. 7, 08/2016
K22P64M120SF5V2 NXP-K22P64M120SF5V2 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P100M120SF5 NXP-K22P100M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P121M120SF5 NXP-K22P121M120SF5 Datasheet
1Mb / 75P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com