Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK22FN128VMP10 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MK22FN128VMP10
Description  Kinetis K22F 128KB Flash
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MK22FN128VMP10 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MK22FN128VMP10 Datasheet HTML 3Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 4Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 5Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 6Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 7Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 8Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 9Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 10Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
2.2.1 Voltage and current operating requirements
Table 1. Voltage and current operating requirements
Symbol
Description
Min.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
VDDA
Analog supply voltage
1.71
3.6
V
VDD – VDDA VDD-to-VDDA differential voltage
–0.1
0.1
V
VSS – VSSA VSS-to-VSSA differential voltage
–0.1
0.1
V
VBAT
RTC battery supply voltage
1.71
3.6
V
USBVDD
USB Transceiver supply voltage
3.0
3.6
V
1
VIH
Input high voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.7 × VDD
0.75 × VDD
V
V
VIL
Input low voltage
• 2.7 V ≤ VDD ≤ 3.6 V
• 1.7 V ≤ VDD ≤ 2.7 V
0.35 × VDD
0.3 × VDD
V
V
VHYS
Input hysteresis
0.06 × VDD
V
IICIO
Analog and I/O pin DC injection current — single pin
• VIN < VSS-0.3V (Negative current injection)
-3
mA
2
IICcont
Contiguous pin DC injection current —regional limit,
includes sum of negative injection currents or sum of
positive injection currents of 16 contiguous pins
• Negative current injection
-25
mA
VODPU
Open drain pullup voltage level
VDD
VDD
V
3
VRAM
VDD voltage required to retain RAM
1.2
V
VRFVBAT
VBAT voltage required to retain the VBAT register file VPOR_VBAT
V
1. USB nominal operating voltage is 3.3 V.
2. All analog and I/O pins are internally clamped to VSS through ESD protection diodes. If VIN is less than VIO_MIN or
greater than VIO_MAX, a current limiting resistor is required. The negative DC injection current limiting resistor is
calculated as R=(VIO_MIN-VIN)/|IICIO|.
3. Open drain outputs must be pulled to VDD.
2.2.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
0.8
1.1
1.5
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
2.48
2.56
2.64
V
Table continues on the next page...
General
Kinetis K22F 128KB Flash, Rev. 7, 08/2016
7
NXP Semiconductors


Similar Part No. - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK22FN128CAH12R NXP-MK22FN128CAH12R Datasheet
902Kb / 69P
Kinetis K22F 128 KB/256 KB Flash 64-pin WLCSP
Rev. 7, 08/2016
MK22FN128CAK10 NXP-MK22FN128CAK10 Datasheet
1Mb / 64P
Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
More results

Similar Description - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K22P49M100SF9 NXP-K22P49M100SF9 Datasheet
1Mb / 64P
Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
K22P121M120SF7 NXP-K22P121M120SF7 Datasheet
976Kb / 82P
Kinetis K22F 512KB Flash
Rev. 7.1, 08/2016
KV31P100M100SF9 NXP-KV31P100M100SF9 Datasheet
793Kb / 63P
Kinetis KV31F 128KB Flash
Rev. 7, 02/2016
K22P121M120SF8 NXP-K22P121M120SF8 Datasheet
959Kb / 76P
Kinetis K22F 256 KB Flash
Rev. 7, 08/2016
K22P80M120SF7 NXP-K22P80M120SF7 Datasheet
905Kb / 72P
Kinetis K22F 512KB Flash 80-Pin WLCSP
Rev. 7, 08/2016
K22P64M120SF5V2 NXP-K22P64M120SF5V2 Datasheet
1Mb / 72P
Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P100M120SF5 NXP-K22P100M120SF5 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P121M120SF5 NXP-K22P121M120SF5 Datasheet
1Mb / 75P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com