Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK22FN128VMP10 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MK22FN128VMP10
Description  Kinetis K22F 128KB Flash
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MK22FN128VMP10 Datasheet(HTML) 5 Page - NXP Semiconductors

  MK22FN128VMP10 Datasheet HTML 1Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 2Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 3Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 4Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 5Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 6Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 7Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 8Page - NXP Semiconductors MK22FN128VMP10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
1 Ratings
1.1 Thermal handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
TSTG
Storage temperature
–55
150
°C
1
TSDR
Solder temperature, lead-free
260
°C
2
1. Determined according to JEDEC Standard JESD22-A103, High Temperature Storage Life.
2. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.2 Moisture handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
MSL
Moisture sensitivity level
3
1
1. Determined according to IPC/JEDEC Standard J-STD-020, Moisture/Reflow Sensitivity Classification for Nonhermetic
Solid State Surface Mount Devices.
1.3 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
-2000
+2000
V
1
VCDM
Electrostatic discharge voltage, charged-device
model
-500
+500
V
2
ILAT
Latch-up current at ambient temperature of 105°C
-100
+100
mA
3
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human
Body Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
3. Determined according to JEDEC Standard JESD78, IC Latch-Up Test.
1.4 Voltage and current operating ratings
Ratings
Kinetis K22F 128KB Flash, Rev. 7, 08/2016
5
NXP Semiconductors


Similar Part No. - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK22FN128CAH12R NXP-MK22FN128CAH12R Datasheet
902Kb / 69P
   Kinetis K22F 128 KB/256 KB Flash 64-pin WLCSP
Rev. 7, 08/2016
MK22FN128CAK10 NXP-MK22FN128CAK10 Datasheet
1Mb / 64P
   Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
More results

Similar Description - MK22FN128VMP10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K22P49M100SF9 NXP-K22P49M100SF9 Datasheet
1Mb / 64P
   Kinetis K22F 128KB Flash 49-pin WLCSP
Rev. 6, 10/2015
K22P121M120SF7 NXP-K22P121M120SF7 Datasheet
976Kb / 82P
   Kinetis K22F 512KB Flash
Rev. 7.1, 08/2016
KV31P100M100SF9 NXP-KV31P100M100SF9 Datasheet
793Kb / 63P
   Kinetis KV31F 128KB Flash
Rev. 7, 02/2016
K22P121M120SF8 NXP-K22P121M120SF8 Datasheet
959Kb / 76P
   Kinetis K22F 256 KB Flash
Rev. 7, 08/2016
K22P80M120SF7 NXP-K22P80M120SF7 Datasheet
905Kb / 72P
   Kinetis K22F 512KB Flash 80-Pin WLCSP
Rev. 7, 08/2016
K22P64M120SF5V2 NXP-K22P64M120SF5V2 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 5, 03/2015
K22P100M120SF5 NXP-K22P100M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P121M120SF5 NXP-K22P121M120SF5 Datasheet
1Mb / 75P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P64M120SF5 NXP-K22P64M120SF5 Datasheet
1Mb / 72P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
K22P80M120SF5 NXP-K22P80M120SF5 Datasheet
1Mb / 74P
   Kinetis K22F Sub-Family
Rev 4, 11/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com