Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2220 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2220
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2220 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2220 Datasheet HTML 22Page - Linear Technology LTC2220 Datasheet HTML 23Page - Linear Technology LTC2220 Datasheet HTML 24Page - Linear Technology LTC2220 Datasheet HTML 25Page - Linear Technology LTC2220 Datasheet HTML 26Page - Linear Technology LTC2220 Datasheet HTML 27Page - Linear Technology LTC2220 Datasheet HTML 28Page - Linear Technology LTC2220 Datasheet HTML 29Page - Linear Technology LTC2220 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC2220/LTC2221
26
22201fa
APPLICATIO S I FOR ATIO
Clock Sources for Undersampling
Undersampling raises the bar on the clock source and the
higher the input frequency, the greater the sensitivity to
clock jitter or phase noise. A clock source that degrades
SNR of a full-scale signal by 1dB at 70MHz will degrade
SNR by 3dB at 140MHz, and 4.5dB at 190MHz.
In cases where absolute clock frequency accuracy is
relatively unimportant and only a single ADC is required,
a 3V canned oscillator from vendors such as Saronix or
Vectron can be placed close to the ADC and simply
connected directly to the ADC. If there is any distance to
the ADC, some source termination to reduce ringing that
may occur even over a fraction of an inch is advisable. You
must not allow the clock to overshoot the supplies or
performance will suffer. Do not filter the clock signal with
a narrow band filter unless you have a sinusoidal clock
source, as the rise and fall time artifacts present in typical
digital clock signals will be translated into phase noise.
The lowest phase noise oscillators have single-ended
sinusoidal outputs, and for these devices the use of a filter
close to the ADC may be beneficial. This filter should be
close to the ADC to both reduce roundtrip reflection times,
as well as reduce the susceptibility of the traces between
the filter and the ADC. If you are sensitive to close-in phase
noise, the power supply for oscillators and any buffers
must be very stable, or propagation delay variation with
supply will translate into phase noise. Even though these
clock sources may be regarded as digital devices, do not
operate them on a digital supply. If your clock is also used
to drive digital devices such as an FPGA, you should locate
the oscillator, and any clock fan-out devices close to the
ADC, and give the routing to the ADC precedence. The
clock signals to the FPGA should have series termination
at the source to prevent high frequency noise from the
FPGA disturbing the substrate of the clock fan-out device.
If you use an FPGA as a programmable divider, you must
re-time the signal using the original oscillator, and the re-
timing flip-flop as well as the oscillator should be close to
the ADC, and powered with a very quiet supply.
For cases where there are multiple ADCs, or where the
clock source originates some distance away, differential
clock distribution is advisable. This is advisable both from
the perspective of EMI, but also to avoid receiving noise
from digital sources both radiated, as well as propagated
in the waveguides that exist between the layers of multi-
layer PCBs. The differential pairs must be close together,
and distanced from other signals. The differential pair
should be guarded on both sides with copper distanced at
least 3x the distance between the traces, and grounded
with vias no more than 1/4 inch apart.


Similar Part No. - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2220-1 LINER-LTC2220-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220-1 LINER-LTC2220-1_15 Datasheet
682Kb / 28P
12-Bit,185Msps ADC
LTC2220CUP-1 LINER-LTC2220CUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220IUP-1 LINER-LTC2220IUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2155-12 LINER-LTC2155-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-12 LINER-LTC2157-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com