Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2220 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2220
Description  12-Bit,170Msps/ 135Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2220 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2220 Datasheet HTML 21Page - Linear Technology LTC2220 Datasheet HTML 22Page - Linear Technology LTC2220 Datasheet HTML 23Page - Linear Technology LTC2220 Datasheet HTML 24Page - Linear Technology LTC2220 Datasheet HTML 25Page - Linear Technology LTC2220 Datasheet HTML 26Page - Linear Technology LTC2220 Datasheet HTML 27Page - Linear Technology LTC2220 Datasheet HTML 28Page - Linear Technology LTC2220 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC2220/LTC2221
25
22201fa
APPLICATIO S I FOR ATIO
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied
to the same power supply as for the logic being driven. For
example if the converter is driving a DSP powered by a 1.8V
supply then OVDD should be tied to that same 1.8V supply.
In the CMOS output mode, OVDD can be powered with any
voltage up to 3.6V. OGND can be powered with any voltage
from GND up to 1V and must be less than OVDD. The logic
outputs will swing between OGND and OVDD.
In the LVDS output mode, OVDD should be connected to a
3.3V supply and OGND should be connected to GND.
Output Enable
The outputs may be disabled with the output enable pin, OE.
In CMOS or LVDS output modes OE high disables all data
outputs including OF and CLKOUT. The data access and bus
relinquish times are too slow to allow the outputs to be
enabled and disabled during full speed operation. The output
Hi-Z state is intended for use during long periods of
inactivity.
The Hi-Z state is not a truly open circuit; the output pins that
make an LVDS output pair have a 20k resistance between
them. Therefore in the CMOS output mode, adjacent data
bits will have 20k resistance in between them, even in the
Hi-Z state.
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors have
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
35mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap mode all digital outputs are disabled and enter the
Hi-Z state.
GROUNDING AND BYPASSING
The LTC2220/LTC2221 requires a printed circuit board with
a clean unbroken ground plane. A multilayer board with an
internal ground plane is recommended. Layout for the
printed circuit board should ensure that digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital signal along-
side an analog signal or underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD,OVDD,VCM,REFHA,REFHB,REFLAandREFLBpins
as shown in the block diagram on the front page of this data
sheet. Bypass capacitors must be located as close to the
pins as possible. Of particular importance are the capaci-
tors between REFHA and REFLB and between REFHB and
REFLA. These capacitors should be as close to the device
as possible (1.5mm or less). Size 0402 ceramic capacitors
are recommended. The 2.2
µFcapacitorbetweenREFHAand
REFLA can be somewhat further away. The traces connect-
ing the pins and bypass capacitors must be kept short and
should be made as wide as possible.
The LTC2220/LTC2221 differential inputs should run par-
allel and close to each other. The input traces should be as
short as possible to minimize capacitance and to minimize
noise pickup.
HEAT TRANSFER
Most of the heat generated by the LTC2220/LTC2221 is
transferred from the die through the bottom-side exposed
pad and package leads onto the printed circuit board. For
good electrical and thermal performance, the exposed pad
should be soldered to a large grounded pad on the PC board.
It is critical that all ground pins are connected to a ground
plane of sufficient area.


Similar Part No. - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2220-1 LINER-LTC2220-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220-1 LINER-LTC2220-1_15 Datasheet
682Kb / 28P
12-Bit,185Msps ADC
LTC2220CUP-1 LINER-LTC2220CUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220IUP-1 LINER-LTC2220IUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-12 LINER-LTC2155-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-12 LINER-LTC2157-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com