Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2220 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2220
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2220 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2220 Datasheet HTML 11Page - Linear Technology LTC2220 Datasheet HTML 12Page - Linear Technology LTC2220 Datasheet HTML 13Page - Linear Technology LTC2220 Datasheet HTML 14Page - Linear Technology LTC2220 Datasheet HTML 15Page - Linear Technology LTC2220 Datasheet HTML 16Page - Linear Technology LTC2220 Datasheet HTML 17Page - Linear Technology LTC2220 Datasheet HTML 18Page - Linear Technology LTC2220 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC2220/LTC2221
15
22201fa
FUNCTIONAL BLOCK DIAGRA
DIFF
REF
AMP
REF
BUF
2.2
µF
1
µF
0.1
µF
0.1
µF
1
µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
FIRST PIPELINED
ADC STAGE
FIFTH PIPELINED
ADC STAGE
FOURTH PIPELINED
ADC STAGE
SECOND PIPELINED
ADC STAGE
ENC+
REFHA
REFLB
REFLA REFHB
ENC
SHIFT REGISTER
AND CORRECTION
OE
M0DE
OGND
OF
OVDD
D11
D0
CLKOUT
22201 F01
INPUT
S/H
SENSE
VCM
AIN
AIN
+
2.2
µF
THIRD PIPELINED
ADC STAGE
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
+
+
+
+
VDD
GND
Figure 1. Functional Block Diagram


Similar Part No. - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2220-1 LINER-LTC2220-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220-1 LINER-LTC2220-1_15 Datasheet
682Kb / 28P
12-Bit,185Msps ADC
LTC2220CUP-1 LINER-LTC2220CUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220IUP-1 LINER-LTC2220IUP-1 Datasheet
676Kb / 28P
12-Bit,185Msps ADC
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LTC2220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230_1 Datasheet
701Kb / 32P
10-Bit,170Msps/135Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2155-12 LINER-LTC2155-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-12 LINER-LTC2157-12_15 Datasheet
928Kb / 32P
Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com