Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6432 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS61LV6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6432 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS61LV6432 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IS61LV6432
Integrated Circuit Solution Inc.
1
SSR005-0B
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product.
We assume no responsibility for any errors
which may appear in this publication.
© Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
Internal self-timed write cycle
Individual Byte Write Control and Global Write
Clock controlled, registered address, data and
control
Pentium™ or linear burst sequence control
using MODE input
Three chip enables for simple depth expansion
and address pipelining
Common data inputs and data outputs
Power-down control by ZZ input
JEDEC 100-Pin LQFP and PQFP package
3.3V VCC and 2.5V VCCQ for 2.5 I/O's
Two Clock enables and one Clock disable to
eliminate multiple bank bus contention.
Control pins mode upon power-up:
MODE in interleave burst mode
ZZ in normal operation mode
These control pins can be connected to GNDQ
or VCCQ to alter their power-up state
Industrial temperature available
DESCRIPTION
The
ICSI
IS61LV6432 is a high-speed, low-power synchro-
nous static RAM designed to provide a burstable, high-perfor-
mance, secondary cache for the Pentium™, 680X0™, and
PowerPC™ microprocessors. It is organized as 65,536 words
by 32 bits, fabricated with
ICSI
's advanced CMOS technology.
The device integrates a 2-bit burst counter, high-speed SRAM
core, and high-drive capability outputs into a single monolithic
circuit. All synchronous inputs pass through registers con-
trolled by a positive-edge-triggered single clock input.
Write cycles are internally self-timed and are initiated by the
rising edge of the clock input. Write cycles can be from one to
four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
BW1 controls DQ1-DQ8, BW2 controls DQ9-DQ16, BW3
controls DQ17-DQ24,
BW4 controls DQ25-DQ32, conditioned
by
BWE being LOW. A LOW on GW input would cause all bytes
to be written.
Bursts can be initiated with either
ADSP (Address Status
Processor) or
ADSC (Address Status Cache Controller) input
pins. Subsequent burst addresses can be generated internally
by the IS61LV6432 and controlled by the
ADV (burst address
advance) input pin.
Asynchronous signals include output enable (
OE), sleep mode
input (ZZ), clock (CLK) and burst mode input (MODE). A HIGH
input on the ZZ pin puts the SRAM in the power-down state.
When ZZ is pulled LOW (or no connect), the SRAM normally
operates after three cycles of the wake-up period. A LOW
input, i.e., GNDQ, on MODE pin selects LINEAR Burst. A VCCQ
(or no connect) on MODE pin selects INTERLEAVED Burst.
IS61LV6432
64K x 32 SYNCHRONOUS
PIPELINE STATIC RAM
FAST ACCESS TIME
Symbol
Parameter
-166
-133
-117
-5
-6
-7
-8
Unit
tKQ
CLK Access Time
5
5
5
5
6
7
8
ns
tKC
Cycle Time
6
7.5
8.5
10
12
13
15
ns
Frequency
166
133
117
100
83
75
66
MHz


Similar Part No. - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com