Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6432 Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS61LV6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6432 Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IS61LV6432 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IS61LV6432
6
Integrated Circuit Solution Inc.
SSR005-0B
OPERATING RANGE
Range
Ambient Temperature
VCC
VCCQ
Commercial
0°C to +70°C
3.3V +10%, –5%
2.375V min., 3.465 max.
Industrial
–40°C to +85°C
3.3V +10%, –5%
2.375V min, 3.465V max.
DC ELECTRICAL CHARACTERISTICS(1)
(Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
1.7
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.7
V
ILI
Input Leakage Current
GND
≤ V
IN
≤ V
CCQ
(2)
Com.
–5
5
µA
Ind.
–10
10
ILO
Output Leakage Current
GND
≤ V
OUT
≤ V
CCQ
,
OE = V
IH
Com.
–5
5
µA
Ind.
–10
10
POWER SUPPLY CHARACTERISTICS
(Operating Range)
-166
-133
-117
-5
-6
-7
-8
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
AC Operating
Device Selected,
Com.
215
205
195
175
165
150
140
mA
Supply Current
All Inputs = VIL or VIH
Ind.
205
185
175
160
150
OE = V
IH
,
Cycle Time
≥ t
KC
min.
ISB
Standby Current
Device Deselected,
Com.
70
60
50
25
25
25
25
mA
VCC = Max.,
Ind.
60
35
35
35
35
CLK Cycle Time
≥ t
KC
min.
IZZ
Power-Down Mode ZZ = VCCQ,
Com.
5
5
5—
5—
5—
5
5
mA
CLK Running
Ind.
10
10
10
10
10
Current
All Inputs
≤ GND + 0.2V
or
≥ V
CC
– 0.2V
Note:
1.
MODE
pin have an internal pullup. ZZ pin has an internal pull-down. These pins may be a No Connect, tied to GND, or tied to
VCCQ.
2.
MODE pin should be tied to Vcc or GND. They exhibit ±30 µA maximum leakage current when tied to
≤ GND + 0.2V or ≥ Vcc –
0.2V.


Similar Part No. - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com