Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6432 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61LV6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6432 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61LV6432 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IS61LV6432
4
Integrated Circuit Solution Inc.
SSR005-0B
TRUTH TABLE
Address
Operation
Used
CE1
CE1
CE1
CE1
CE1
CE2
CE3
CE3
CE3
CE3
CE3
ADSP
ADSP
ADSP
ADSP
ADSP ADSC
ADSC
ADSC
ADSC
ADSC ADV
ADV
ADV
ADV
ADV WRITE
WRITE
WRITE
WRITE
WRITE
OE
OE
OE
OE
OE
DQ
Deselected, Power-down
None
H
X
X
X
L
X
X
X
High-Z
Deselected, Power-down
None
L
L
X
L
XXXX
High-Z
Deselected, Power-down
None
L
X
H
L
XXXX
High-Z
Deselected, Power-down
None
L
L
X
H
L
X
X
X
High-Z
Deselected, Power-down
None
L
X
H
H
L
X
X
X
High-Z
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
L
Q
Read Cycle, Begin Burst
External
L
H
L
L
X
X
X
H
High-Z
Write Cycle, Begin Burst
External
L
H
L
H
L
X
L
X
D
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
L
Q
Read Cycle, Begin Burst
External
L
H
L
H
L
X
H
H
High-Z
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
Q
Read Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
High-Z
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
Q
Read Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
High-Z
Write Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
D
Write Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
D
Read Cycle, Suspend Burst
Current
X
X
X
HHHH
L
Q
Read Cycle, Suspend Burst
Current
X
X
X
HHHHH
High-Z
Read Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
Q
Read Cycle, Suspend Burst
Current
H
X
X
X
HHHH
High-Z
Write Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
D
Write Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
D
Notes:
1. All inputs except
OE must meet setup and hold times for the Low-to-High transition of clock (CLK).
2. Wait states are inserted by suspending burst.
3. X means don't care.
WRITE=L means any one or more byte write enable signals (BW1-BW4) and BWE are LOW or GW is
LOW.
WRITE=H means all byte write enable signals are HIGH.
4. For a Write operation following a Read operation,
OE must be HIGH before the input data required setup time and held
HIGH throughout the input data hold time.
5.
ADSP LOW always initiates an internal READ at the Low-to-High edge of clock. A WRITE is performed by setting one or
more byte write enable signals and
BWE LOW or GW LOW for the subsequent L-H edge of clock.
PARTIAL TRUTH TABLE
Function
GW
GW
GW
GW
GW
BWE
BWE
BWE
BWE
BWE
BW1
BW1
BW1
BW1
BW1
BW2
BW2
BW2
BW2
BW2
BW3
BW3
BW3
BW3
BW3 BW4
BW4
BW4
BW4
BW4
READ
H
H
X
X
X
X
READ
H
X
H
H
H
H
WRITE Byte 1
H
L
L
H
H
H
WRITE All Bytes
X
LLLL
L
WRITE All Bytes
L
XXXX
X


Similar Part No. - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com