Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6432 Datasheet(PDF) 16 Page - Integrated Circuit Solution Inc

Part # IS61LV6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6432 Datasheet(HTML) 16 Page - Integrated Circuit Solution Inc

Back Button IS61LV6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 10Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 11Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 12Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 13Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 14Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 15Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 16Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
IS61LV6432
16
Integrated Circuit Solution Inc.
SSR005-0B
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Frequency (MHz) Order Part Number
Package
166
IS61LV6432-166TQ
14*20*1.4mm LQFP
IS61LV6432-166PQ
14*20*2.7mm PQFP
133
IS61LV6432-133TQ
14*20*1.4mm LQFP
IS61LV6432-133PQ
14*20*2.7mm PQFP
117
IS61LV6432-117TQ
14*20*1.4mm LQFP
IS61LV6432-117PQ
14*20*2.7mm PQFP
100
IS61LV6432-5TQ
14*20*1.4mm LQFP
IS61LV6432-5PQ
14*20*2.7mm PQFP
83
IS61LV6432-6TQ
14*20*1.4mm LQFP
IS61LV6432-6PQ
14*20*2.7mm PQFP
75
IS61LV6432-7TQ
14*20*1.4mm LQFP
IS61LV6432-7PQ
14*20*2.7mm PQFP
66
IS61LV6432-8TQ
14*20*1.4mm LQFP
IS61LV6432-8PQ
14*20*2.7mm PQFP
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Frequency (MHz)
Order Part Number
Package
117
IS61LV6432-117TQI 14*20*1.4mm LQFP
IS61LV6432-117PQI 14*20*2.7mm PQFP
100
IS61LV6432-5TQI
14*20*1.4mm LQFP
IS61LV6432-5PQI
14*20*2.7mm PQFP
83
IS61LV6432-6TQI
14*20*1.4mm LQFP
IS61LV6432-6PQI
14*20*2.7mm PQFP
75
IS61LV6432-7TQI
14*20*1.4mm LQFP
IS61LV6432-7PQI
14*20*2.7mm PQFP
66
IS61LV6432-8TQI
14*20*1.4mm LQFP
IS61LV6432-8PQI
14*20*2.7mm PQFP
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5
TH
ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com