Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6432 Datasheet(PDF) 12 Page - Integrated Circuit Solution Inc

Part # IS61LV6432
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6432 Datasheet(HTML) 12 Page - Integrated Circuit Solution Inc

Back Button IS61LV6432 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 10Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 11Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 12Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 13Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 14Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 15Page - Integrated Circuit Solution Inc IS61LV6432 Datasheet HTML 16Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IS61LV6432
12
Integrated Circuit Solution Inc.
SSR005-0B
READ/WRITE CYCLE SWITCHING CHARACTERISTICS
(Over Operating Range)
-166
-133
-117
-5
-6
-7
-8
Symbol Parameter
Min.Max.
Min.Max.
Min.Max.
Min.Max.
Min.Max.
Min.Max.
Min.Max.
Unit
tKC
Cycle Time
6
7.5
8.5
10
12
13
15
ns
tKH
Clock High Time
2.4
2.8
3.0
3.5
4
6
6
ns
tKL
Clock Low Time
2.4
2.8
3.0
3.5
4
6
6
ns
tKQ
Clock Access Time
5
5
5
5
6
7
8
ns
tKQX
(2)
Clock High to Output Invalid
1.5
1.5
1.5
1.5
1.5
2
2
ns
tKQLZ
(2,3)
Clock High to Output Low-Z
0
0
0
0
0
0
0
ns
tKQHZ
(2,3)
Clock High to Output High-Z
1.5
5
1.5
5
1.5
6
1.5
6
1.5
6
2
6
2
6
ns
tOEQ
Output Enable to Output Valid
5
5
5
5
6
6
6
ns
tOEQX
(2)
Output Disable to Output Invalid
0
0
0
0
0
0
0
ns
tOELZ
(2,3)
Output Enable to Output Low-Z
0
0
0
0
0
0
0
ns
tOEHZ
(2,3)
Output Disable to Output High-Z
3
3
4
4
5
6
6
ns
tAS
Address Setup Time
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
0.5
0.5
0.5
ns
tCFG
Configuration Setup
(1)
2.5
—30
35
—35
45
—52
60
ns
Notes:
1. Configuration signal MODE is static and must not change during normal operation.
2. Guaranteed but not 100% tested. This parameter is periodically sampled.
3. Tested with load in Figure 2.


Similar Part No. - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6432

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
64K x 32 Static RAM Module
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com