Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV3310EQ-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # EV3310EQ-00A
Description  1.3A Step-up White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV3310EQ-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

  EV3310EQ-00A Datasheet HTML 1Page - Monolithic Power Systems EV3310EQ-00A Datasheet HTML 2Page - Monolithic Power Systems EV3310EQ-00A Datasheet HTML 3Page - Monolithic Power Systems EV3310EQ-00A Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3310EQ-00A – 1.3A STEP-UP WHITE LED DRIVER EVALUATION BOARD
EV3310EQ-00A Rev. 1.0
www.MonolithicPower.com
2
1/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV3310EQ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1, C2
4.7µF
Ceramic
Capacitor,50V,X7R
1210
muRata
GRM32ER71H475KA88L
1
C3
1µF
Ceramic
Capacitor,50V,X7R
1206
TDK
C3216X7R1H105K
1
C4
1µF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C105KA12D
1
C5
NC
1
C6
0.1µF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C104KA01D
1
D1
B160
Diode Schottky
SMA
Diodes Inc.
B160
1
L1
22µH
Inductor 1.34A
D63LCB
TOKO
#A921CY-220M=P3
1
R1
330kΩ
1%
0603
Any
1
R2
10kΩ
1%
0603
Any
1
R3
0Ω
5%
0603
Any
1
R4
51kΩ
5%
0603
Any
2
R5, R6
Open
1
R7
57.6kΩ
1%
0603
Any
1
U1
MP3310EQ MPS WLED Driver
QFN10
(3x3mm)
MPS
MP3310EQ-LF-Z R0


Similar Part No. - EV3310EQ-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
   Dual-Channel White LED Driver Evaluation Board
More results

Similar Description - EV3310EQ-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
   Step-Down White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
   Step-Down White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com