Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3307J Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3307J
Description  Non-Synchronized White LED Driver Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3307J Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3307J Datasheet HTML 1Page - Monolithic Power Systems MP3307J Datasheet HTML 2Page - Monolithic Power Systems MP3307J Datasheet HTML 3Page - Monolithic Power Systems MP3307J Datasheet HTML 4Page - Monolithic Power Systems MP3307J Datasheet HTML 5Page - Monolithic Power Systems MP3307J Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV3307-J-00A-NON-SYNCHRONIZED WHITE LED DRIVER
EV3307-J-00A Rev.1.0
www.MonolithicPower.com
2
7/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3307-J-00A EVALUATION BOARD
(L x W x H) 5cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV3307-J-00A
MP3307J
EVALUATION BOARD SCHEMATIC
VIN
8
FB
4
EN/PWML
6
PWMH
7
OVP
2
GND
3
FREQ
5
*
MP3307
1
VIN
1
ADIM
1
EN/PWM
1
GND
4.7uF/10V
C1
GND
GND
1
2
3.3uH/2.55A
L1
0
R1
NC
C2
2K
R3
2K
R8
100K
R4
100K
R10
GND
51K
R9
0
R2
4.7uF/50V
C3
GND
GND
0
R5
GND
4.99
R6
NC
R7
1
LED+
1
LED-
NC
R11
GND
B0540
1
2
D1


Similar Part No. - MP3307J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP330 ETC2-MP330 Datasheet
107Kb / 1P
   Power Film Resistors
logo
Monolithic Power System...
MP3301 MPS-MP3301 Datasheet
490Kb / 11P
   1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3301GJ MPS-MP3301GJ Datasheet
490Kb / 11P
   1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
   40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
263Kb / 12P
   40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
More results

Similar Description - MP3307J

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0022 MPS-EV0022 Datasheet
154Kb / 4P
   Precision 6 White LED Driver Evaluation Board
EV3312-C-00A MPS-EV3312-C-00A Datasheet
294Kb / 6P
   Dual-Channel White LED Driver Evaluation Board
EV24895-Q-00A MPS-EV24895-Q-00A Datasheet
142Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
   8 string White LED Driver Evaluation Board
EV3389EY-00A MPS-EV3389EY-00A Datasheet
147Kb / 4P
   12 strings White LED Driver Evaluation Board
EVQ2489-Q-00A MPS-EVQ2489-Q-00A Datasheet
407Kb / 6P
   Step-Down White LED Driver Evaluation Board
EV3399EY-00A MPS-EV3399EY-00A Datasheet
260Kb / 5P
   24 strings White LED Driver Evaluation Board
EV2489DQ-00A MPS-EV2489DQ-00A Datasheet
150Kb / 4P
   Step-Down White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
   8 strings White LED Driver Evaluation Board
EV24893DJ-00A MPS-EV24893DJ-00A Datasheet
402Kb / 4P
   Step-Down White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com