Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3306EG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3306EG
Description  700kHz Synchronous Boost WLED Driver Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306EG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3306EG Datasheet HTML 1Page - Monolithic Power Systems MP3306EG Datasheet HTML 2Page - Monolithic Power Systems MP3306EG Datasheet HTML 3Page - Monolithic Power Systems MP3306EG Datasheet HTML 4Page - Monolithic Power Systems MP3306EG Datasheet HTML 5Page - Monolithic Power Systems MP3306EG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV3306-G-00A
700kHz Synchronous Boost WLED Driver
Evaluation Board
EV3366-G-00A Rev.1.0
www.MonolithicPower.com
1
9/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3306 is a step-up converter designed
for driving white LEDs from 3V to 12V power
supply. The MP3306 uses current mode, fixed
frequency architecture to regulate the LED
current, which is measured through an external
high-side current sense resistor. The low
202mV feedback voltage and synchronous
rectification reduces power loss and improves
efficiency.
The MP3306 is turned off if an over-voltage
condition is present due to an open circuit
condition. The output disconnect feature allows
the output to be completely discharged.
TheMP3306 includes under-voltage lockout,
current limiting, output short protection and
thermal overload protection.
The MP3306 is available in small 12-pin QFN
(2mm x 2mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3-12
V
Output Voltage
Vout
<30
V
LED String
1
LED Current
ILED
20
mA
FEATURES
 3V~12V Input Voltage
 Analog Dimming and PWM Dimming
 Output-to-Input Disconnect in Shutdown
Mode
 Programmable Open Load Shutdown
 Output Short Protection
 Low 202mV Feedback Voltage with +/-3%
accuracy
 UVLO, Thermal Shutdown
Available in 2mm x 2mm QFN12 Package
APPLICATIONS
Smart Phone, MID, PDA
Digital Still Cameras
Small LCD Displays
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3306EG MPS-MP3306EG Datasheet
435Kb / 12P
   30V, 700kHz Synchronous Step-Up White LED Driver
More results

Similar Description - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
   WLED Driver Evaluation Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
   1.1A Synchronous Boost White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
   Fixed Frequency WLED Driver Evaluation Board
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_10 Datasheet
242Kb / 22P
   Synchronous Boost Converter Evaluation Board
01/05/10
logo
Monolithic Power System...
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Monolithic Power System...
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
   9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
   1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com