Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3306EG Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3306EG
Description  700kHz Synchronous Boost WLED Driver Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306EG Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3306EG Datasheet HTML 1Page - Monolithic Power Systems MP3306EG Datasheet HTML 2Page - Monolithic Power Systems MP3306EG Datasheet HTML 3Page - Monolithic Power Systems MP3306EG Datasheet HTML 4Page - Monolithic Power Systems MP3306EG Datasheet HTML 5Page - Monolithic Power Systems MP3306EG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV3306-G-00A 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV3366-G-00A Rev.1.0
www.MonolithicPower.com
6
9/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the power supply (3V ~ 12V) to the VIN and GND
pins on the EV board, respectively.
2. LED string is connected to LED+ and LED- terminal respectively;
3. Drive EN pin high to enable the MP3306.
4. The DIM terminal is used for Analog/PWM dimming. When LPF capacitor is place at the PWO pin,
MP3306 works in analog dimming mode by filtering the input PMW pulse. When PWM pin is float,
MP3306 works in PWM dimming mode.
5. The LED current is set by the resistor at FB pin.
6. MP3306 has a N-channel MOS, which is used to accomplish short Vout to GND protection and
disconnecting Vout from Vin at shutdown mode. if don’t need this function, it can be disabled by
short the JP2.


Similar Part No. - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3306EG MPS-MP3306EG Datasheet
435Kb / 12P
   30V, 700kHz Synchronous Step-Up White LED Driver
More results

Similar Description - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
   WLED Driver Evaluation Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
   1.1A Synchronous Boost White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
   Fixed Frequency WLED Driver Evaluation Board
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_10 Datasheet
242Kb / 22P
   Synchronous Boost Converter Evaluation Board
01/05/10
logo
Monolithic Power System...
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
   700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Monolithic Power System...
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
   9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
   1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com