Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3306EG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3306EG
Description  700kHz Synchronous Boost WLED Driver Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306EG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3306EG Datasheet HTML 1Page - Monolithic Power Systems MP3306EG Datasheet HTML 2Page - Monolithic Power Systems MP3306EG Datasheet HTML 3Page - Monolithic Power Systems MP3306EG Datasheet HTML 4Page - Monolithic Power Systems MP3306EG Datasheet HTML 5Page - Monolithic Power Systems MP3306EG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV3306-G-00A 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
EV3366-G-00A Rev.1.0
www.MonolithicPower.com
4
9/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN=5V, VEN=5V, 8 LEDs in series, 20mA, unless otherwise noted.
VSW
10V/div.
IINDUCTOR
200mA/div.
VOUT
10V/div.
Steady State
VIN = 3V
VSW
10V/div.
VEN
5V/div.
IL
100mA/div.
ILED
20mA/div.
EN Startup
EN Shutdown
VSW
10V/div.
VOUT
10V/div.
ILED
20mA/div.
VPWM
5V/div.
VSW
10V/div.
VOUT
5V/div.
ILED
10mA/div.
VPWM
5V/div.
VSW
10V/div.
VOUT
10V/div.
ILED
20mA/div.
VOVP
500mV/div.
VSW
10V/div.
VOUT
10V/div.
IL
500mA/div.
IOUT
200mA/div.
VSW
10V/div.
VOUT
10V/div.
IL
100mA/div.
ILED
20mA/div.
Efficiency
VIN (V)
78
80
82
84
86
88
90
92
94
2
4
6
8
10
12
14
VSW
10V/div.
VEN
5V/div.
IL
100mA/div.
ILED
20mA/div.


Similar Part No. - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3306EG MPS-MP3306EG Datasheet
435Kb / 12P
30V, 700kHz Synchronous Step-Up White LED Driver
More results

Similar Description - MP3306EG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
EV3412EJ-00A MPS-EV3412EJ-00A Datasheet
149Kb / 4P
1.1A Synchronous Boost White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640_10 Datasheet
242Kb / 22P
Synchronous Boost Converter Evaluation Board
01/05/10
logo
Monolithic Power System...
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
logo
Monolithic Power System...
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com