Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3305DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3305DD
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3305DD Datasheet HTML 1Page - Monolithic Power Systems MP3305DD Datasheet HTML 2Page - Monolithic Power Systems MP3305DD Datasheet HTML 3Page - Monolithic Power Systems MP3305DD Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3305DD-00A – 1.3A FIXED FREQUENCY WHITE LED DRIVER EVALUATION BOARD
EV3305DD-00A Rev. 1.0
www.MonolithicPower.com
2
1/6/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP3305
SW
IN
ISET
LED
PGND
GND
EN
OVP
VIN
Bias
EN
GND
L1
2uH
LED+
LED-
R4
NS
R3
1
1%
R2
0
R1
100
R5
100k
R6
10k
U1
JP1
5
8
7
6
2
1
3
4
EV3305DD-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
2
C1,
C2
4.7uF
Ceramic
Capacitor,16V,X5R
0805
muRata
GRM21BR61C475KA88
1
C3
0.1uF
Ceramic
Capacitor,16V,X7R
0603
muRata
GRM188R71C104KA01D
1
C4
NS
Not Stuffed
1
C5
2.2uF
Ceramic
Capacitor,25V,X7R
0805
muRata
GRM21BR71E225KA73L
1
D1
B0530
Diode Schottky
SOD-123
Diodes Inc.
B0530W
1
L1
2uH
Inductor 2.8A
D53LC
TOKO
D53LC-#A915AY-2R0M
1
R1
100Ω
5%
0603
Any
1
R2
0Ω
5%
0603
Any
1
R3
1Ω
1%
0805
Yageo
RC0805FR-071RL
1
R4
NS
Not Stuffed
1
R5
160kΩ
5%
0603
Any
1
R6
10kΩ
5%
0603
Any
1
U1
MP3305
DD
MPS WLED Driver
QFN8(2x3m
m)
MPS
MP3305DD-LF-Z


Similar Part No. - MP3305DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3305DD MPS-MP3305DD Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
More results

Similar Description - MP3305DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com