Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3302DJ7 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3302DJ7
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DJ7 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3302DJ7 Datasheet HTML 1Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 2Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 3Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3302-J-01A
1.3A Fixed Frequency White LED Driver
Evaluation Board
EV3302-J-01A Rev. 1.0
www.MonolithicPower.com
1
9/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3302-J-01A is an evaluation board for
the MP3302, a step-up converter designed for
driving up to 27 white LEDs from a single cell
lithium Ion battery. The EV board parameters
are optimized for the load of 3 white LEDs in
series, 9 strings paralleled.
The
MP3302
uses
current
mode,
fixed
frequency architecture to regulate the LED
current, which is measured through an external
current sense resistor. Its low 195mV feedback
voltage reduces power loss and improves
efficiency. The MP3302 monitors the output
voltage and turns off the converter if an over-
voltage condition occurs due to an open circuit
condition.
The MP3302 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP3302 is available in small 5-pin TSOT23
package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
3.3 – 6
V
Number of LEDs
27
FEATURES
 3.3V to 6V Input Voltage Range
 Drives up to 27 White LEDs
 Up to 87% Efficiency
 Open Load Shutdown
 Fully Assembled and Tested
APPLICATIONS
 Cell Phones
 Handheld Computers and PDAs
 Digital Still Cameras
 Small LCD Displays
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EV3302-J-01A EVALUATION BOARD
(L x W x H) 4.6cm x 4.6cm x 1.0cm
Board Number
MPS IC Number
EV3302-J-01A
MP3302DJ
7
95%
90%
85%
80%
75%
70%
34
5
6
INPUT VOLTAGE(V)
Efficiency vs
VIN


Similar Part No. - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DJ MPS-MP3302DJ Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
More results

Similar Description - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com