Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3302DJ7 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3302DJ7
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DJ7 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3302DJ7 Datasheet HTML 1Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 2Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 3Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV3302-J-01A – 1.3A FIXED FREQUENCY WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3302-J-01A Rev. 1.0
www.MonolithicPower.com
4
9/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load panel (3 white LEDs in series, 9 stings
paralleled) to the LED+ and LED- pins on the EV board, respectively.
2. Connect the positive and negative terminals of the power supply (3.3V ~ 6V) to the VIN and
GND pins on the EV board, respectively.
3. Drive EN pin high (1.5V < Ven < Vin) to enable the MP3302.
4. Apply a DC voltage of 0.7V to 1.4V on EN pin for analog dimming. Maximum brightness (180mA
typical) occurs with 1.4V voltage or above applied.
5. For PWM dimming mode, apply a PWM rectangular waveform with a minimum voltage less than
0.5V and a maximum greater than 1.5V on EN pin. The frequency of the PWM signal is
recommended between 100Hz to 1kHz.


Similar Part No. - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DJ MPS-MP3302DJ Datasheet
263Kb / 12P
   40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
More results

Similar Description - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
   1.3A Fixed Frequency White LED Driver
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
   Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
   Fixed Frequency White LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com