Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3302DJ7 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3302DJ7
Description  1.3A Fixed Frequency White LED Driver Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DJ7 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3302DJ7 Datasheet HTML 1Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 2Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 3Page - Monolithic Power Systems MP3302DJ7 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV3302-J-01A – 1.3A FIXED FREQUENCY WHITE LED DRIVER
EV3302-J-01A Rev. 1.0
www.MonolithicPower.com
2
9/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PGND
PGND
PGND
PGND
1
EN
1
VIN
1uF
C3
JP1
2
1
1.10
R1
1
2
D1
1A/60V
PGND
1
GND
1
Bias
3.3V-6V input voltage
4.7uF/16V
C1
4.7uF/16V
C2
NS
R2
1
LED+
1
2
30
R3
0.47uF/50V
C4
2
1
4.7uH/1.1A
L1
30
R4
1
LED-
FB
3
EN
4
M3302
U1
8
0
0
0
0
T
E
N
0
0
0
0
0
T
E
N
NET00015
NET00016
NET00017
NET00018
NET00019
EV3302-J-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1,C2
4.7µF
Ceramic Capacitor, 16V, X5R
0805
Murata
GRM21BR61C475KA88
1
C3
1µF
Ceramic Capacitor, 16V, X7R
0603
TDK
C1608X7R1C105K
1
C4
0.47µF Ceramic Capacitor, 50V, X7R
0805
Murata
GRM21BR71H474KA88
1
D1
Diode Schottky, 60V, 1A
SMA
Diodes Inc
B160
1
L1
4.7µH
Inductor,1.1A
SMD
Cooper
SD10-4R7-R
1
R1
1.10Ω
Resistor, 1%
0805
Yageo
R0805FR-071R1L
1
R2
NS
Not Stuffed
2
R3,R4
30Ω
Resistor,1%
0603
Yageo
RC0603FR-0730RL
1
U1
White Led Driver
TSOT23-5
MPS
MP3302DJ
1
CN1
Connector
JST
SM02B-BHSS-1-TB


Similar Part No. - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DJ MPS-MP3302DJ Datasheet
263Kb / 12P
   40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
More results

Similar Description - MP3302DJ7

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3202-00A MPS-EV3202-00A Datasheet
160Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
   1.3A Fixed Frequency White LED Driver
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
   Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
   Fixed Frequency White LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com