Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0530CDMCCDS-1R5MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0530CDMCCDS-1R5MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0530CDMCCDS-1R5MC Datasheet(HTML) 3 Page - Sumida Corporation

  0530CDMCCDS-1R5MC Datasheet HTML 1Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 2Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 3Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Power Inductor
0530CDMCC/DS
0
10
20
30
40
50
60
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0.00
0.06
0.12
0.18
0.24
0.30
0.36
0
4
8
12
16
20
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Page 3 of 4
Revised: 14-Nov-17
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
20
24
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
0
10
20
30
40
50
60
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. 0530CDMCCDS-R10MC
△T (℃)
L (μH)
2. 0530CDMCCDS-R20MC
△T (℃)
L (μH)
3. 0530CDMCCDS-R33MC
L (μH)
DC (A)
5. 0530CDMCCDS-R68MC
△T (℃)
L (μH)
6. 0530CDMCCDS-1R0MC
7. 0530CDMCCDS-1R2MC
△T (℃)
L (μH)
8. 0530CDMCCDS-1R5MC
△T (℃)
L (μH)
DC (A)
4. 0530CDMCCDS-R47MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (μH)
△T (℃)
L (μH)
L (20℃)
△T
9. 0530CDMCCDS-2R2MC
△T (℃)
L (μH)
DC (A)
DC (A)
10. 0530CDMCCDS-3R3MC
△T (℃)
L (μH)
11. 0530CDMCCDS-4R7MC
△T (℃)
L (
μH)
DC (A)
DC (A)
12. 0530CDMCCDS-5R6MC
△T (℃)
L (
μH)
DC (A)


Similar Part No. - 0530CDMCCDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0530CDMCCDS-1R5MC SUMIDA-0530CDMCCDS-1R5MC Datasheet
183Kb / 4P
SMD Power Inductor
More results

Similar Description - 0530CDMCCDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com