Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0530CDMCCDS-1R5MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # 0530CDMCCDS-1R5MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0530CDMCCDS-1R5MC Datasheet(HTML) 2 Page - Sumida Corporation

  0530CDMCCDS-1R5MC Datasheet HTML 1Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 2Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 3Page - Sumida Corporation 0530CDMCCDS-1R5MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
0530CDMCC/DS
Page 2 of 4
Revised: 14-Nov-17
Electrical Characteristics
※1 Measuring frequency Inductance at 100kHz ,1.0V
※2 Saturation current: The value of DC current when the inductance is over 70% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃
) Board conditions: FR4, Copper=70μm,four-layer PWB, t=1.6mm.
Part No.
Stamp
Inductance
(μH)
[Within]
※1
D.C.R
(mΩ)
(at 25℃)
Max.(Typ.)
Saturation
Current
(A)※2
Max.(Typ.)
(at 25℃)
Temperature
rise current
(A)※3
Typ.
0530CDMCCDS-R10MC
R10
0.10±20%
2.8(2.4)
24.5(29.0)
21.0
0530CDMCCDS-R20MC
R20
0.20±20%
3.9(3.5)
18.7(22.0)
14.0
0530CDMCCDS-R33MC
R33
0.33±20%
5.0(4.4)
16.0(19.0)
13.5
0530CDMCCDS-R47MC
R47
0.47±20%
8.5(7.4)
15.3(18.0)
10.5
0530CDMCCDS-R68MC
R68
0.68±20%
12.0(11.0)
11.9(14.0)
9.6
0530CDMCCDS-1R0MC
1R0
1.0±20%
14.0(13.0)
10.2(12.0)
9.4
0530CDMCCDS-1R2MC
1R2
1.2±20%
16.0(15.0)
11.5(13.5)
8.7
0530CDMCCDS-1R5MC
1R5
1.5±20%
25.0(20.0)
11.1(13.0)
7.2
0530CDMCCDS-2R2MC
2R2
2.2±20%
29.0(25.0)
7.6(9.0)
5.8
0530CDMCCDS-3R3MC
3R3
3.3±20%
38.0(32.0)
6.8(8.0)
5.1
0530CDMCCDS-4R7MC
4R7
4.7±20%
60.0(50.0)
5.1(6.0)
3.8
0530CDMCCDS-5R6MC
5R6
5.6±20%
54.0(47.0)
3.6(4.3)
4.0
0530CDMCCDS-6R8MC
6R8
6.8±20%
90.0(75.0)
3.8(4.5)
3.3
0530CDMCCDS-100MC
100
10±20%
125(110)
3.4(4.0)
2.8


Similar Part No. - 0530CDMCCDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0530CDMCCDS-1R5MC SUMIDA-0530CDMCCDS-1R5MC Datasheet
183Kb / 4P
SMD Power Inductor
More results

Similar Description - 0530CDMCCDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com