Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC08N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC08N
Description  Quad 2-input AND gate
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC08N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC08N Datasheet HTML 8Page - NXP Semiconductors 74HC08N Datasheet HTML 9Page - NXP Semiconductors 74HC08N Datasheet HTML 10Page - NXP Semiconductors 74HC08N Datasheet HTML 11Page - NXP Semiconductors 74HC08N Datasheet HTML 12Page - NXP Semiconductors 74HC08N Datasheet HTML 13Page - NXP Semiconductors 74HC08N Datasheet HTML 14Page - NXP Semiconductors 74HC08N Datasheet HTML 15Page - NXP Semiconductors 74HC08N Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2003 Jul 25
12
Philips Semiconductors
Product specification
Quad 2-input AND gate
74HC08; 74HCT08
Family 74HCT08
GND = 0 V; tf = tf = 6 ns; CL =50pF.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
14
24
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
715
ns
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
−−
30
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
−−
19
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA,
nB to nY
see Figs 7 and 8 4.5
−−
36
ns
tTHL/tTLH
output transition time
see Figs 7 and 8 4.5
−−
22
ns
handbook, halfpage
MNA726
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA, nB input
VI
GND
VOH
VOL
tTLH
tTHL
Fig.7 Waveforms showing the input (nA, nB) to output (nY) propagation delays and the output transition times.
74HC08: VM = 50%; VI = GND to VCC.
74HCT08: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC08N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC08N PHILIPS-74HC08N Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
74HC08N PHILIPS-74HC08N Datasheet
33Kb / 5P
   Quad 2-input AND gate
2003 Jul 25
More results

Similar Description - 74HC08N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com