Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 31 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 27Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 28Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 29Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 30Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 31Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 32Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 33Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 34Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 35Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
30
Starting from the vertical ramp, a parabola shaped current is generated for E/W correction, dynamic horizontal
phase control correction, and vertical dynamic focus correction.
The base of the parabola generator is an analog multiplier, the output current of which is equal to:
∆I = k × (V
OUT - VDCMID)
2
Where Vout is the vertical output ramp (typically between 2 and 5V) and VDCMID is 3.5V (for VREF-V = 8V). One
more multiplier provides a current proportional to (Vout - VDCMID)
4 for corner correction The VOUT sawtooth is
typically centered on 3.5V. By changing the vertical position, the sawtooth shifts by
±0.3V.
In order to keep a good screen geometry for any end user preference adjustment we implemented the geometry
tracking.
Due to large output stages voltage range (E/W, keystone, corner), the combination of tracking function with
maximum vertical amplitude, max or min vertical position and maximum gain on the DAC control may lead to the
output stages saturation. This must be avoided by limiting the output voltage by appropriate I2C registers values.
For E/W part and dynamic horizontal phase control part, a sawtooth shaped differential current in the following
form is generated:
∆I’ = k’ × (V
OUT - VDCMID)
2
Then
∆I and ∆I’are added together and converted into voltage for the E/W part.
Each of the three E/W components, and the two dynamic horizontal phase control ones may be inhibited by their
own I2C select bit.
The E/W parabola is available on pin 24 via an emitter follower which has to be biased by an external resistor
(10K
Ω). Since stable in temperature, the device can be DC coupled with an external circuitry.
The vertical dynamic focus is available on output pin 10. Dynamic horizontal phase control current drives internally
the H-position, moving the Hfly position on the horizontal sawtooth in the
± 1.4% T
H both on side pin balance and
parallelogram.
EW
EWOUT = 2.5V + K1 (VOUT - VDCMID) + K2 (VOUT - VDCMID)
2 + K3 (Vout - V
DCMID)
4
K1 is adjustable by the keystone I2C register
K2 is adjustable by the EW amplitude I2C register
K3 is adjustable by the corner I2C register
Dynamic Horizontal Phase Control
IOUT = K4 (VOUT - VDCMID)
2 + K5 (V
OUT - VDCMID)
K4 is adjustable by side pin balance I2C register
K5 is adjustable by parallelogram I2C register.
Function
When the Synchronization pulse is not present, an internal current source sets the free running frequency. For an
external capacitor, COSC = 150nF, the typical free running frequency is 100Hz.
Typical free running frequency can be calculated by:
fo Hz
()
1.5 10
5
1
C
OSC
--------------
=


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com