Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1D2512X01-A0B0 Datasheet HTML 1Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 2Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 3Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 4Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 5Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
2
BLOCK DIAGRAM
19
16
15
28
14
9
PHASE/
FREQUENCY
COMPARATOR
H-PHASE(7 bits)
LOCK/UNLOCK
IDENTIFICATION
PHASE
COMPARATOR
VCO
SAFETY
PROCESSOR
PHASE
SHIFTER
H-DUTY
(5 bits)
7
3
8
5
6
12
4
B+
CONTROLLER
10
I C INTERFACE
GEOMETRY
TRACKING
22
20
23
COMP
V R
EF
Forced
Freq.
2 bits
Free running
5 bits
HOUT
BUFFER
26
13
SYNC INPUT
SELECT
(1bit)
SYNC
PROCESSOR
V R
EF
21
1
2
25
29
27
30
31
32
Vcc
XRAY
RESET
GENERATOR
2
X2
X2
MOIRE
CANCEL
5 BITS+ON/OFF
+
+
17
+
24
B+ ADJUST
7 bits
S AND C
CORRECTION
VERTICAL
OSCILLATOR
RAMP GENERATOR
6 bits
8 bits
VPOS
7bits
keyst
6 bits
EW
7 bits
AMPVDF
6 bits
X2
X
Spin Bal
6 bits
Key Bal
6 bits
VAMP
7 bits
B+ OUT
REGIN
BGND
HMOIRE
FOCUS
ISENSE
H/HVIN
HREF
VSYNCIN
VCC
XRAY
VREF
VGND
5V
SDA
SCL
GND
11
HGND
18
5V
Horizontal
Moire Cancel
5 bits + on/off
HSYNC
Corner
7 bits
X4


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com