Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 27 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 27 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 23Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 24Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 25Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 26Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 27Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 28Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 29Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 30Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 31Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
26
The control voltage of the VCO is typically comprised between 1.33V and 6V (see figure 6). The theoretical
frequency range of this VCO is in the ratio 1 to 4.5, the effective frequency range has to be smaller 1 to 4.2 due to
clamp intervention on filter lowest value. To avoid spread of external components and the circuit itself, it is possible
to adjust free running frequency through I2C. This adjustment can be made automatically on the manufacturing line
without manual operation by using lock/unlock information. The adjustment range is 0.8 to 1.3 F0 (where 1.3 F0 is
the free running frequency at power on reset).
The sync frequency has to be always higher than the free running frequency. As an example for a Synchro range
from 24kHz to 100kHz, the suggested free running frequency is 23kHz.
Another feature is the capability for MCU to force horizontal frequency through I2C to 2xF0 or 3xF0 (for burn in
mode or safety requirement). In this case, inhibition switch is opened leaving PLL1 free but voltage on PLL1 filter is
forced to 2.66V for 2xF0 or 4.0V for 3xF0.
The PLL1 ensures the coincidence between the leading edge of the Synchro signal and a phase reference
obtained by comparison between the sawtooth of the VCO and an internal DC voltage I2C adjustable between
2.8V and 4.0V (corresponding to
±10%) (see Figure 7)
Figure 6. Details of VCO
Figure 7. PLL1 Timing Diagram
7
6
a
4 IO
2
IO
+
-
+
-
6.4V
+
-
RS
Flip
Flop
5
Loop
Filter
(0.80<a<1.30)
I2C Free running
ID
(1.3V < V7 < 6V)
R0
1.6V
6.4V
1.6V
0.875TH
0
TH
Adjustment
Co
H osc
Sawtooth
7/8TH
1/8TH
6.4V
2.8V < Vb < 4.0V
Vb
1.6V
Phase REF1
H Synchro
Phase REF1 is obtained by compari-
son between the sawtooth and a DC
voltage adjustable between 2.8V and
4.0V. The PLL1 ensures the exact
coincidence
between
the
signals
phase REF and Hsyns. A
±T
H/10
phase adjustment is possible


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com