Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 21Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 22Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 23Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 24Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 25Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 26Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 27Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 28Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
24
Sync Inputs
Both H/HVin and Vsyncin inputs are TTL compatible trigger with Hysteresis to avoid erratic detection.
Both inputs include a pull up register connected to VDD.
Sync Processor Output
The sync processor indicates on the HLOCKOUT Pin whether 1st PLL is locked to an incoming horizontal sync.
HLOCKOUT is a TTL compatible CMOS output. Its level goes to high when locked. In the same time the D8 bit of
the status register is set to 0. This information is mainly used to trigger safety procedures (like reducing B+ value)
as soon as a change is detected on the incoming sync. Further to this, it may be used in an automatic procedure
for free running frequency(fo) adjustment.
Sending the desired fo on the sync input and progressively decreasing the free running frequent I2C register value
(address 02), the HLOCKOUT Pin will go high as soon as the proper setting is reached. Setting the free running
frequency this way allows to fully exploit the S1D2512X01 horizontal frequency range.
HORIZONTAL PART
Internal input conditions
Horizontal part is internally fed by Synchro processor with a digital signal corresponding to horizontal Synchro
pulses or to TTL composite input.
concerning the duty cycle of the input signal, the following signals (positive or negative) may be applied to the
circuit.
Using internal integration, both signals are recognized on condition that Z/T < 25%, Synchronization occurs on the
leading edge of the internal sync signal. The minimum value of Z is 0.7
µs.
An other integration is able to extract vertical pulse of composite Synchro if duty cycle is more than 25% (typically
d = 35%) (see 7)
The last feature performed is the equalizing pulses removing to avoid parasitic pulse on phase comparator input
which is intolerant to wrong or missing pulse.
Z
T
Z
d
d
c
TRAMEXT


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com