Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 20Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 21Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 22Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 23Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 24Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 25Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 26Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 27Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
23
Read Mode
During read mode the second byte transmits the reply information.
The reply byte contains horizontal and vertical lock/unlock status, the XRAY activated or not, the horizontal and
vertical polarity detection. It also contains the Synchro detection status which is used by the MCU to assign sync
priority.
A stop condition always stops all the activities of the bus decoder and switches to high impedance both the data
and the clock line (SDA and SCL) .
See I2C sub address and control tables.
Sync processor
The internal sync processor allows the S1D2512X01 to accept any kind of input Synchro signals:
Separated horizontal & vertical TTL-compatible sync signals,
Composite horizontal & vertical TTL-compatible sync signals.
Sync identification Status
The MCU can read (address read mode: 8D) the status register via the I2C bus, and then select the sync priority
depending on this status.
Among other data this register indicates the presence of sync pulses on H/HVIN, VSYNCIN and (when 12V is
supplied) whether a Vext has been extracted from H/HVIN. Both horizontal and vertical sync are detected even if
only 5V is supplied.
In order to choose the right sync priority the MCU may proceed as follows (see I2C address Table):
Refresh the status register,
Wait at least for 20ms(max. vertical period),
Read this status register,
Sync priority choice should be:
Of course, when choice is made, one can refresh the sync detections and verify that extracted Vsync is present
and that no sync change occurred.
The Sync processor is also giving sync polarity information.
IC status
The IC can inform the MCU about the 1st horizontal PLL and vertical section status(locked or not), and about the
XARY protection (activated or not). Resetting the XRAY internal latch can be done either by decreasing the Vcc or
VDD supply or directly resetting it via the I
2C interface.
Vext Det
H/V Det
V Det
Sync Priority Subaddress 03 (D8)
Comment Sync Type
No
Yes
Yes
1
Separated H & V
Yes
Yes
No
0
Composite TTL H & V


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com