Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 2 Page - Samsung semiconductor

  S1D2512X01-A0B0 Datasheet HTML 1Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 2Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 3Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 4Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 5Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
1
DEFLECTION PROCESSOR
The S1D2512X01 is a monolithic integrated circuit assembled in 32 pins
shrunk dual in line plastic package. This IC controls all the functions
related to the horizontal and vertical deflection in multi modes or multi-
frequency computer display monitors.
The internal sync processor, combined with the very powerful geometry
correction block make the S1D2512X01 suitable for very high
performance monitors with very few external components. The horizontal
jitter level is very low. It is particularly well suited for high-end 17” and
19” monitors.
FUNCTIONS
Deflection processor
I2C bus control
B+ regulator
Vertical parabola generator
Vertical dynamic focus
FEATURES
(HORIZONTAL)
Self-adaptive
Dual PLL concept
150kHz maximum frequency
X-RAY protection input
I2C controls: Horizontal duty-cycle, H-position, free
running frequency, frequency generator for burn-in
mode.
(VERTICAL)
Vertical ramp generator
50 to 185Hz AGC loop
Geometry tracking with V-POS & V-AMP
I2C Controls: V-AMP, V-POS, S-CORR, C-CORR
DC breathing compensation
(I2C GEOMETRY CORRECTIONS)
Vertical parabola generator
(pincushion-E/W, keystone, corner)
32-SDIP-400
Horizontal dynamic phase (side pin balance &
parallelogram)
Vertical dynamic focus (Vertical focus amplitude)
(GENERAL)
Sync processor
12V supply voltage
Hor. & Vert. lock/unlock outputs
Read/Write I2C interface
Horizontal and vertical moire
B+ Regulator
- Internal PWM generator for B+ current mode
step-up converter.
- I2C adjustable B+ reference voltage
- Output pulses synchronized on horizontal
frequency
- Internal maximum current limitation.
- Soft start
Compared with the S1D2511B, S1D2512X HAS:
- Corner correction
- Horizontal moire
- B+ soft start
- Increased max. Vertical frequency
- No horizontal focus
- No step down option for DC/DC converter.
ORDERING INFORMATION
Device
Package
Operating Temperature
S1D2512X01-A0B0
32-SDIP-400
0
°C — 70°C


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com