Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 12Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 13Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 14Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 15Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 16Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 17Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 18Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 19Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
15
B+ SECTION
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
(VCC = 12V, Tamb = 25 °C)
Table 12. B+ Section Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Minimum feedback resistor
FeedRes Resistor between pins 15 and 14
5
K
Table 13. B+ Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Error amplifier open loop gain
OLG
At low frequency (see 10)
85
dB
Sunk current on error amplifier output
when BOUT is in safety condition
Icomp
Pin 14 (see 12)
0.5
mA
Unity gain band width
UGBW
(see 7)
6
MHz
Regulation input bias current
IRI
Current sourced by pin 15
(PNP base)
0.2
µA
Maximum guaranteed error amplifier
output current
EAOI
Current sourced by pin 14
Current sunk by pin 14
0.5
2
mA
mA
Current sense input voltage gain
CSG
Pin 16
3
Max current sense input threshold
voltage
MCEth
Pin 16
1.2
V
Current sense input bias current
ISI
Current sourced by pin 16
(PNP base)
1
µA
Maximum external power transistor on
time
Tonmax
% of H-period
@ fo = 27kHz (see 6)
100
%
B+ output saturation voltage
B+OSV
V28 with I28 = 10mA
0.25
V
Internal reference voltage
IVREF
On error amp positive input
for subaddress 0B
Byte 1000000
4.8
V
Internal reference voltage adjustment
range
VREFADJ
Byte 111111
Byte 000000
+20
-20
%
%
Falling time
tFB+
Pin 28
100
ns


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com