Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 10Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 11Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 12Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 13Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 14Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 15Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 16Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01
12
VERTICAL SECTION
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (VCC = 12V, TAMB = 25 °C)
Table 10. Vertical Section Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUTS SECTION
Maximum EW output voltage
VEWM
Pin 24
6.5
V
Minimum EW output voltage
VEWm
Pin 24
1.8
V
Minimum load for less than 1% vertical amplitude
drift
RLOAD
Pin 20
65
M
Table 11. Vertical Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VERTICAL RAMP SECTION
Voltage at ramp bottom point
VRB
VREF-V = 8V,
Pin 22
2
V
Voltage at ramp top point (with sync)
VRT
VREF-V = 8V,
Pin 22
5
V
Voltage at ramp top point (without sync)
VRTF
Pin 22
VRT-0.1
V
Vertical sawtooth discharge time duration
(pin 22)
VSTD
With 150nF cap
70
µs
Vertical free running frequency see (see 4)
VFRF
COSC (pin22) =150nF
measured on
pin 22
100
Hz
AUTO -SYNC frequency (see 13)
ASFR
C22=150nF ± 5%
50
185
Hz
Ramp amplitude drift versus frequency at
Maximum vertical amplitude
RAFD
C22 = 150nF
50Hz < f < 185Hz
200
ppm/
Hz
Ramp linearity on pin 22 (
∆I22/I22) (see 4)
RIin
2.5 < V22 < 4.5V
0.5
%
Vertical position adjustment voltage
(pin 23 - VOUT centering)
Vpos
Sub address 06
Byte x0000000
Byte x1000000
Byte x1111111
3.65
3.2
3.5
3.8
3.3
V
V
V
Vertical output voltage
(peak-to-peak on pin 23)
VOR
Sub address 05
Byte x0000000
Byte x1000000
Byte x1111111
3.5
2.25
3
3.75
2.5
V
V
V
Vertical output maximum current (pin 23)
VOI
±5
mA


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com