Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 10Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 11Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 12Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 13Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 14Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 15Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
11
Horizontal drive output duty-cycle
(pin 26) (see 1)
Low level
High level
HDmin
HDmax
Sub-address 00
Byte xxx11111
Byte xxx00000 (see 2)
30
60
%
%
X-RAY protection input threshold
voltage
XRAYth
Pin 25 (see 12)
8
V
Internal clamping levels on 2nd PLL
loop filter (pin 4)
Vphi2
Low level
High level
1.6
4.0
V
V
Threshold voltage to stop H-out, V-out,
B-out and reset XRAY when VCC <
VSCinh
VSCinh
Pin 29
7.5
V
Threshold voltage to stop H-out, V-out,
B-out and reset XRAY when VDD <
VSDinh
VSDinh
Pin 32
4.0
V
Horizontal drive output (low level)
HDvd
Pin 26 IOUT = 30mA
0.4
V
VERTICAL DYNAMIC FOCUS FUNCTION (POSITIVE PARABOLA)
Bottom DC output level
HDFDC
RLOAD = 10KΩ, Pin 10
2
V
DC output voltage thermal drift (see 17)
TDHDF
200
ppm/C
Vertical dynamic focus parabola
amplitude with VAMP and VPOS typical
Min. Byte 000000
Typ. Byte 100000
Max. Byte 111111
AMPVDF
Sub-address 0F
0
0.5
1
Vpp
Vpp
Vpp
Parabola amplitude function of VAMP
(tracking between VAMP and VDF) with
VPOS typ. (Figure 1) (see 3)
VDFAMP
Sub-address 05
Byte 10000000
Byte 11000000
Byte 11111111
0.6
1
1.5
Vpp
Vpp
Vpp
Parabola asymmetry function of VPOS
control (tracking between VPOS and
VDF) with VAMP Max.
VHDFKeyt
Sub-address 06
Byte x0000000
Byte x1111111
0.52
0.52
Vpp
Vpp
Table 9. Horizontal Section Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com