Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2512X01-A0B0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S1D2512X01-A0B0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2512X01-A0B0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S1D2512X01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 10Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 11Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 12Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 13Page - Samsung semiconductor S1D2512X01-A0B0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
S1D2512X01
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
9
I2C Bus Timing Requirement
HORIZONTAL SECTION
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS (VDD = 5V, Tamb = 25 °C)
Table 8. Horizontal Section Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCO
Minimum oscillator resistor
Ro(Min.)
Pin 6
6
K
Minimum oscillator capacitor
Co(Min.)
Pin 5
390
pF
Maximum oscillator frequency
Fo(Max.)
150
kHz
OUTPUT SECTION
Maximum input peak current
I12m
Pin 12
5
mA
Horizontal drive output maximum
current
HOI
Pin 26, sunk current
30
mA
Table 9. Horizontal Section Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY AND REFERENCE VOLTAGE
Supply voltage
Vcc
Pin 29
10.8
12
13.2
V
Supply voltage
VDD
Pin 32
4.5
5
5.5
V
Supply current
ICC
Pin 29
50
mA
Supply current
IDD
Pin 32
5
mA
Horizontal reference voltage
VREF-H
Pin 13, I = -2mA
7.4
8
8.6
V
Vertical reference voltage
VREF-V
Pin 21, I = -2mA
7.4
8
8.6
V
tBUF
SDA
SCL
tHDS
tSUPDAT
tHIGH
tSUP
tHDAT
tLOW
Stop:Clock High
Start:Clock High
Data Change:Clock Low


Similar Part No. - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0 SAMSUNG-S1D2511B01-A0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01-A0B0 SAMSUNG-S1D2511B01-A0B0 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2512X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01 SAMSUNG-S1D2511B01 Datasheet
330Kb / 34P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com