Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFE18SANR24MG0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DFE18SANR24MG0
Description  When rated current is applied to the products, inductance will be within 30% of initial inductance value range.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DFE18SANR24MG0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DFE18SANR24MG0_18 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L size
1.6 ±0.2mm
W size
0.8 ±0.2mm
T size
1.0 mm
Size code in inch (mm)
0603 (1608)
When rated current is applied to the products, inductance will be within
±30% of initial inductance value range.
When rated current is applied to the products, temperature rise caused by
self-generated heat shall be limited to 40℃ max.
Keep the temperature (ambient temperature plus self-generation of heat)
under 125℃.
Packaging
code
Specifications
Minimum quantity
L
φ
180mm Embossed taping
3000
Mass (Typ.)
1 piece
0.009g
Inductance
0.24µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
4900mA
Rated current (Itemp) (Based on Temperature rise)
3500mA
Max. of DC resistance
0.030Ω
Operating temperature range (Self-temperature rise is included)
-40〜125℃
Operating temperature range (Self-temperature rise is not included)
-40〜85℃
Class of magnetic shield
Metal Alloy
Absolute maximum voltage
20V DC
Series
DFE18SAN_G0
DFE18SANR24MG0# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
DFE18SANR24MG0L
Shape
Notes
References
Specifications
Last updated: 2018/05/21
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/


Similar Part No. - DFE18SANR24MG0_18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE18SANR24MG0# MURATA-DFE18SANR24MG0# Datasheet
509Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
More results

Similar Description - DFE18SANR24MG0_18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE18SANR47ME0 MURATA-DFE18SANR47ME0 Datasheet
2Mb / 2P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR24ME0 MURATA-DFE18SANR24ME0_18 Datasheet
2Mb / 2P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR56ME0 MURATA-DFE18SANR56ME0 Datasheet
2Mb / 2P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SAN1R0MG0 MURATA-DFE18SAN1R0MG0 Datasheet
508Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR24ME0 MURATA-DFE18SANR24ME0 Datasheet
2Mb / 2P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SAN1R0MG0 MURATA-DFE18SAN1R0MG0_18 Datasheet
508Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR47MG0 MURATA-DFE18SANR47MG0 Datasheet
509Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR24MG0 MURATA-DFE18SANR24MG0 Datasheet
509Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SANR47MG0 MURATA-DFE18SANR47MG0_18 Datasheet
509Kb / 1P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
DFE18SAN1R0ME0 MURATA-DFE18SAN1R0ME0_18 Datasheet
2Mb / 2P
   When rated current is applied to the products, inductance will be within 30% of initial inductance value range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com